| データシートサーチシステム |
|
STM32L443CC データシート(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC データシート(HTML) 85 Page - STMicroelectronics |
|
85 / 207 page ![]() DocID028739 Rev 2 85/207 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 177 6.3 Operating conditions 6.3.1 General operating conditions Table 20. General operating conditions Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency - 0 80 MHz fPCLK1 Internal APB1 clock frequency - 0 80 fPCLK2 Internal APB2 clock frequency - 0 80 VDD Standard operating voltage - 1.71 (1) 3.6 V VDDA Analog supply voltage ADC or COMP used 1.62 3.6 V DAC or OPAMP used 1.8 VREFBUF used 2.4 ADC, DAC, OPAMP, COMP, VREFBUF not used 0 VBAT Backup operating voltage - 1.55 3.6 V VDDUSB USB supply voltage USB used 3.0 3.6 V USB not used 0 3.6 VIN I/O input voltage TT_xx I/O -0.3 VDDIOx+0.3 V All I/O except TT_xx -0.3 MIN(MIN(VDD, VDDA, VDDUSB, VLCD)+3.6 V, 5.5 V)(2)(3) PD Power dissipation at TA = 85 °C for suffix 6 or TA = 105 °C for suffix 7(4) LQFP100 - 476 mW LQFP64 - 444 LQFP48 - 350 UFBGA100 - 350 UFBGA64 - 307 UFQFPN48 - 606 WLCSP64 - 434 WLCSP49 - 416 PD Power dissipation at TA = 125 °C for suffix 3(4) LQFP100 - 119 mW LQFP64 - 111 LQFP48 - 88 UFBGA100 - 88 UFBGA64 - 77 UFQFPN48 - 151 WLCSP64 - 109 WLCSP49 - 104 |