| データシートサーチシステム |
|
STM32L443CC データシート(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC データシート(HTML) 95 Page - STMicroelectronics |
|
95 / 207 page ![]() DocID028739 Rev 2 95/207 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 177 Table 27. Typical current consumption in Run and Low-power run modes, with different codes running from Flash, ART enable (Cache ON Prefetch OFF) Symbol Parameter Conditions TYP Unit TYP Unit - Voltage scaling Code 25 °C 25 °C IDD(Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disable Reduced code(1) 2.37 mA 91 µA/MHz Coremark 2.69 103 Dhrystone 2.1 2.74 105 Fibonacci 2.58 99 While(1) 2.30 88 Reduced code(1) 8.53 mA 107 µA/MHz Coremark 9.68 121 Dhrystone 2.1 9.76 122 Fibonacci 9.27 116 While(1) 8.20 103 IDD(LPRun) Supply current in Low-power run fHCLK = fMSI = 2 MHz all peripherals disable Reduced code(1) 211 µA 106 µA/MHz Coremark 251 126 Dhrystone 2.1 269 135 Fibonacci 230 115 While(1) 286 143 1. Reduced code used for characterization results provided in Table 24, Table 25, Table 26. |