| データシートサーチシステム |
|
STM32L443CC データシート(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC データシート(HTML) 87 Page - STMicroelectronics |
|
87 / 207 page ![]() DocID028739 Rev 2 87/207 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 177 Table 22. Embedded reset and power control block characteristics Symbol Parameter Conditions(1) Min Typ Max Unit tRSTTEMPO(2) Reset temporization after BOR0 is detected VDD rising - 250 400 μs VBOR0(2) Brown-out reset threshold 0 Rising edge 1.62 1.66 1.7 V Falling edge 1.6 1.64 1.69 VBOR1 Brown-out reset threshold 1 Rising edge 2.06 2.1 2.14 V Falling edge 1.96 2 2.04 VBOR2 Brown-out reset threshold 2 Rising edge 2.26 2.31 2.35 V Falling edge 2.16 2.20 2.24 VBOR3 Brown-out reset threshold 3 Rising edge 2.56 2.61 2.66 V Falling edge 2.47 2.52 2.57 VBOR4 Brown-out reset threshold 4 Rising edge 2.85 2.90 2.95 V Falling edge 2.76 2.81 2.86 VPVD0 Programmable voltage detector threshold 0 Rising edge 2.1 2.15 2.19 V Falling edge 2 2.05 2.1 VPVD1 PVD threshold 1 Rising edge 2.26 2.31 2.36 V Falling edge 2.15 2.20 2.25 VPVD2 PVD threshold 2 Rising edge 2.41 2.46 2.51 V Falling edge 2.31 2.36 2.41 VPVD3 PVD threshold 3 Rising edge 2.56 2.61 2.66 V Falling edge 2.47 2.52 2.57 VPVD4 PVD threshold 4 Rising edge 2.69 2.74 2.79 V Falling edge 2.59 2.64 2.69 VPVD5 PVD threshold 5 Rising edge 2.85 2.91 2.96 V Falling edge 2.75 2.81 2.86 VPVD6 PVD threshold 6 Rising edge 2.92 2.98 3.04 V Falling edge 2.84 2.90 2.96 Vhyst_BORH0 Hysteresis voltage of BORH0 Hysteresis in continuous mode -20 - mV Hysteresis in other mode -30 - Vhyst_BOR_PVD Hysteresis voltage of BORH (except BORH0) and PVD -- 100 - mV IDD (BOR_PVD)(2) BOR(3) (except BOR0) and PVD consumption from VDD -- 1.1 1.6 µA VPVM1 VDDUSB peripheral voltage monitoring - 1.18 1.22 1.26 V |