| データシートサーチシステム |
|
STM32L443CC データシート(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC データシート(HTML) 109 Page - STMicroelectronics |
|
109 / 207 page ![]() DocID028739 Rev 2 109/207 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 177 On-chip peripheral current consumption The current consumption of the on-chip peripherals is given in Table 38. The MCU is placed under the following conditions: • All I/O pins are in Analog mode • The given value is calculated by measuring the difference of the current consumptions: – when the peripheral is clocked on – when the peripheral is clocked off • Ambient operating temperature and supply voltage conditions summarized in Table 17: Voltage characteristics • The power consumption of the digital part of the on-chip peripherals is given in Table 38. The power consumption of the analog part of the peripherals (where applicable) is indicated in each related section of the datasheet. Table 38. Peripheral current consumption Peripheral Range 1 Range 2 Low-power run and sleep Unit AHB Bus Matrix(1) 3.2 2.9 3.1 µA/MHz ADC independent clock domain 0.4 0.1 0.2 ADC clock domain 2.1 1.9 1.9 AES 1.7 1.5 1.6 CRC 0.4 0.2 0.3 DMA1 1.4 1.3 1.4 DMA2 1.5 1.3 1.4 FLASH 6.2 5.2 5.8 GPIOA(2) 1.7 1.4 1.6 GPIOB(2)) 1.6 1.3 1.6 GPIOC(2) 1.7 1.5 1.6 GPIOD(2) 1.8 1.6 1.7 GPIOE(2) 1.7 1.6 1.6 GPIOH(2) 0.6 0.6 0.5 QSPI 7.0 5.8 7.3 RNG independent clock domain 2.2 NA NA RNG clock domain 0.5 NA NA SRAM1 0.8 0.9 0.7 SRAM2 1.0 0.8 0.8 TSC 1.6 1.3 1.3 All AHB Peripherals 25.2 21.7 23.6 APB1 AHB to APB1 bridge(3) 0.9 0.7 0.9 CAN1 4.1 3.2 3.9 |