| データシートサーチシステム |
|
AS4C64M8D2 データシート(PDF) 56 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M8D2 データシート(HTML) 56 Page - Alliance Semiconductor Corporation |
|
56 / 59 page ![]() AS4C64M8D2 Confidential 56 Rev. 1.0 Feb. /2014 Figure 52. Refresh command to power-down entry CK# CMD T0 T2 T3 T4 T5 T6 T7 T8 T9 T10 T1 REF CKE CK tIS T11 CKE can go to LOW one clock after an Auto-refresh command Figure 53. Active command to power-down entry CMD T0 T2 T3 T4 T5 T6 T7 T8 T9 T10 T1 ACT CKE tIS T11 CKE can go to LOW one clock after an Active command Figure 54. Precharge/precharge-all command to power-down entry CMD T0 T2 T3 T4 T5 T6 T7 T8 T9 T10 T1 PR or PRA CKE tIS T11 CKE can go to LOW one clock after a Precharge or Precharge all command Figure 55. MRS/EMRS command to power-down entry CMD T0 T2 T3 T4 T5 T6 T7 T8 T9 T10 T1 MRS or EMRS CKE tIS T11 tMRD |