データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8445 データシート(PDF) 4 Page - ON Semiconductor

部品番号 NCV8445
部品情報  Self Protected High Side Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8445 データシート(HTML) 4 Page - ON Semiconductor

  NCV8445_17 Datasheet HTML 1Page - ON Semiconductor NCV8445_17 Datasheet HTML 2Page - ON Semiconductor NCV8445_17 Datasheet HTML 3Page - ON Semiconductor NCV8445_17 Datasheet HTML 4Page - ON Semiconductor NCV8445_17 Datasheet HTML 5Page - ON Semiconductor NCV8445_17 Datasheet HTML 6Page - ON Semiconductor NCV8445_17 Datasheet HTML 7Page - ON Semiconductor NCV8445_17 Datasheet HTML 8Page - ON Semiconductor NCV8445_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV8445
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (8
≤ VD ≤ 36 V; −40°C < TJ < 150°C unless otherwise specified)
Rating
Symbol
Conditions
Value
Unit
Min
Typ
Max
Operating Supply Voltage
VD
6
36
V
Undervoltage Shutdown
VUV
3
5
6.5
V
Undervoltage Restart
VUV_Rst
6.5
V
Overvoltage Shutdown
VOV
36
V
On Resistance
RON
Iout = 2 A; TJ = 25°C, VD > 8 V
Iout = 2 A, VD > 8 V
45
90
m
W
Standby Current
ID
Off State, Vin = Vout = 0 V, VD = 13.5 V
On State; Vin = 5 V, VD = 13.5 V, Iout = 0 A
10
2.0
20
4.0
mA
mA
Output Leakage Current
IL
Vin = Vout = 0 V
Vin = 0 V, Vout = 3.5 V
Vin = Vout = 0 V, VD = 13.5 V
−12
10
5
5
mA
INPUT CHARACTERISTICS
Input Voltage − Low
Vin_low
1.25
V
Input Current − Low
Iin_low
Vin = 1.25 V
1
mA
Input Voltage − High
Vin_high
3.25
V
Input Current − High
Iin_high
Vin = 3.25 V
10
mA
Input Hysteresis Voltage
Vhyst
0.25
V
Input Clamp Voltage
Vin_cl
Iin = 1 mA
Iin = −1 mA
12
−14
13
−13
14
−12
V
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td_on
to 10% Vout, VD = 13.5 V, RL = 6.5 W
5.0
30
55
ms
Turn−Off Delay Time
td_off
to 90% Vout, VD = 13.5 V, RL = 6.5 W
35
60
85
ms
Slew Rate On
dVout / dton
10% to 80% Vout, VD = 13.5 V, RL = 6.5 W
0.1
0.4
0.8
V /
ms
Slew Rate Off
dVout / dtoff
90% to 10% Vout, VD = 13.5 V, RL = 6.5 W
0.1
0.5
0.8
V /
ms
OUTPUT DIODE CHARACTERISTICS (Note 3)
Forward Voltage
VF
Iout = −1.3 A, TJ = 150°C
0.6
V
STATUS PIN CHARACTERISTICS
Status Output Voltage Low
Vstat_low
Istat = 1.6 mA
0.2
0.5
V
Status Leakage Current
Istat_leakage
Vstat = 5 V
0.3
2.0
mA
Status Pin Input Capacitance
Cstat
Vstat = 5 V (Note 3)
100
pF
Status Clamp Voltage
Vstat_cl
Istat =1 mA
Istat = −1 mA
10
−2.2
11
−1.2
13
−0.6
V
PROTECTION FUNCTIONS (Note 4)
Temperature Shutdown
(Note 3)
TSD
150
175
200
°C
Temperature Shutdown
Hysteresis (Note 3)
TSD_hyst
7
15
°C
Output Current Limit
Ilim
8 V < VD < 36 V
9
15
24
A
6 V < VD < 36 V
6
11
18
A
Status Delay in Overload
(Note 3)
td_stat
20
ms
Switch Off Output Clamp
Voltage
Vclamp
Iout = 2 A, Vin = 0 V, L = 6 mH
VD
43
VD
46
VD
50
V
3. Not subjected to production testing
4. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper hardware/software strategy. If the devices operates under abnormal conditions this hardware/software solutions
must limit the duration and number of activation cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com