データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7L4811 データシート(PDF) 1 Page - Holtek Semiconductor Inc

部品番号 HT7L4811
部品情報  Non-isolation Buck LED Lighting Driver with Active PFC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4811 データシート(HTML) 1 Page - Holtek Semiconductor Inc

  HT7L4811 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 1.30
1
June 26, 2015
Rev. 1.00
PB
June 26, 2015
HT7L4811
Non-isolation Buck LED
Lighting Driver with Active PFC
Features
• TinypackageSOT23-6
• Non-isolationbucktopology
• LowBOMCost
• WideACinputrange–from85VACto265VAC
• HighPowerFactorof>0.9withoutadditional
circuitry
• Accurateconstantcurrent(<±3%)
• Lowstart-upcurrentwhichreducespower
dissipation
• Fullprotectionfunctionsforenhancedsafety
Gatedriveroutputvoltageclamp
VCCovervoltageprotection(VCCOVP)
VCCunder-voltagelockoutwithhysteresis
(VCCUVLO)
OutputLEDstringovercurrentprotection
OutputLEDstringshortprotection
OutputLEDstringopenprotection
On-chipovertemperatureprotection(OTP)
Applications
• Generalillumination
• E26/27,T5/T8LEDLamp
• OtherLEDLightingApplications
General Description
TheHT7L4811isanon-isolationbuckPWMcontroller
forLEDlightingapplications.Thedevicehasafully
integratedPFCcircuitwhichoperatesinaboundary
conductionmode(BCM)toachievehighpowerfactor
values.WithgoodcontroloverexternalMOSFETs,the
devicecaneasilymeetexactingLEDcurrentandhigh
powerfactorrequirements.
TheHT7L4811providesseveralprotectionfunctions,
whichincludeVCCUnderVoltageLockout(UVLO),
Over Current Protection (OCP), Output LED
StringOpenProtection,OutputLEDStringShort
Protection,VCCOverVoltageProtection(OVP)and
Leading-EdgeBlanking(LEB)forcurrentsensing.
Additionallyandtoensuresystemreliability,the
deviceincludesafullyintegratedthermalprotection
function.ToprotecttheexternalpowerMOSFET
frombeingdamagedbyasupplyovervoltage,the
deviceDRVpinvoltageisclampedtoabout17V.
Thehighleveloffunctionalintegrationminimisesthe
externalcomponentcountgivingmajoradvantages
intermsofcostandcircuitboardarea.Thedeviceis
suppliedinaSOT23-6package.


同様の部品番号 - HT7L4811

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
More results

同様の説明 - HT7L4811

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
Bruckewell Technology L...
BW7383 BWTECH-BW7383 Datasheet
302Kb / 8P
6 Pin Non-isolation Buck current control IC with High PFC for LED Lighting
BW7385 BWTECH-BW7385 Datasheet
260Kb / 7P
Non-isolation Buck current control IC with High PFC for LED Lighting
logo
Shenzhen Winsemi Microe...
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
WS3412 Active PFC Non-isolated Buck LED Driver
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
WS3413 Active PFC Non-isolated Buck LED Driver
logo
Holtek Semiconductor In...
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
logo
Princeton Technology Co...
RS2322 PTC-RS2322 Datasheet
313Kb / 4P
High Accurate non-isolated Buck-Boost LED Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com