データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7L4811 データシート(PDF) 3 Page - Holtek Semiconductor Inc

部品番号 HT7L4811
部品情報  Non-isolation Buck LED Lighting Driver with Active PFC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4811 データシート(HTML) 3 Page - Holtek Semiconductor Inc

  HT7L4811 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4811 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. 1.30
3
June 26, 2015
HT7L4811
Electrical Characteristics
VCC=18V, Ta=25°C
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Power Supply (VCC Pin)
VCCON
UVLOON
18
V
VCCOFF
UVLOOFF
10
V
VCCHYS
UVLO Hysteresis
7
V
VOVP
VCC OVP Trip Point
26
29
32
V
ISTART
Start-up Current
Before turn-on,
@ VCC = UVLOON - 1V
10
20
μA
IQ
Quiescent Current
No switching
0.6
1
mA
ICC
Operating Current
@ 70kHz, Co=1nF
1.8
2.5
mA
Error Amplifier
VFB
Feedback Reference Voltage
Ta = 25°C
194
200
206
mV
Current Sense Comparator
tLEB
Leading Edge Blanking Time
400
ns
VCL
Current Limit Threshold
1.3
V
VOCP
Over Current Trip Point
0.9
V
Over Current Release Point
0.2
V
Zero Current Detector
VZCDH
Upper Clamp Voltage
IZCD = 300μA
3
V
VZCDL
Lower Clamp Voltage
IZCD = -2.5mA
-0.2
V
VZCDA
Positive-Going Edge
1.5
V
VZCDT
Negative-Going Edge
1
V
IOVP
OVP Current on ZCD pin
270
300
330
μA
tB_OVP
Blanking Time for OVP Detection
1
μs
Starter
tSTART
Start Timer Period
40
μs
tOFF
Minimum Off Time
4
μs
Over Temperature Protection
OTP
Over Temperature Trip Point
150
°C
Absolute Maximum Ratings
VCCsupplyvoltage................................ -0.3Vto33V
InputvoltagetoCSpin............................. -0.3Vto6V
OutputvoltageatCOMPpin.................... -0.3Vto6V
MaximumcurrentatZCDpin................3mA(source),
3mA(sink)
Maximumoperatingjunctiontemperature......... 150°C
Storagetemperaturerange.................. -55°Cto150°C
Recommended Operating Ranges
VCCsupplyvoltage...................................17Vto25V
Operatingjunctiontemperature..........−40°Cto125°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder″AbsoluteMaximumRatings″
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com