データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM151X2 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 LM151X2
部品情報  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 データシート(HTML) 5 Page - NXP Semiconductors

  LM151X2 Datasheet HTML 1Page - NXP Semiconductors LM151X2 Datasheet HTML 2Page - NXP Semiconductors LM151X2 Datasheet HTML 3Page - NXP Semiconductors LM151X2 Datasheet HTML 4Page - NXP Semiconductors LM151X2 Datasheet HTML 5Page - NXP Semiconductors LM151X2 Datasheet HTML 6Page - NXP Semiconductors LM151X2 Datasheet HTML 7Page - NXP Semiconductors LM151X2 Datasheet HTML 8Page - NXP Semiconductors LM151X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 5/25
LM151X2
Liquid Crystal Display
Product Specification
Maximum Ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage to the unit.
Table 1 ABSOLUTE MAXIMUM RATINGS
Values
Parameter
symbol
Min.
Max.
Units
Notes
Power Input Voltage
Lamp Current
Operating Temperature
Storage Temperature
VDD
IBL
TOP
TST
0
-
0
-20
+3.6
9.0
+50
+60
VDC
mArms
º
º
at 25º
2
1
Note:
1. The Relative Humidity must not exceed 95% non-condensing at temperatures of 40º or less.
At temperatures greater than 40º, the wet bulb temperature must not exceed 39º.
2. Current shall be measured at ground line.
3. Electrical Specifications
The LM151X2 requires two power inputs. One input is employed to power the LCD electronics and to
drive the voltages to drive the TFT array and liquid crystal. And the second input for the backlight CCFL,
is typically generated by an inverter. The inverter is an external unit to the LCD.
Table 2 ELECTRICAL CHARACTERISTICS:
Values
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
MODULE :
Power Supply Input Voltage
Power Supply Input Current
Power Supply Kick Off Current
Data Input High Voltage
Data Input Low Voltage
BACK LIGHT :
Back light Input voltage
Backlight Input Current
Lamp Kick-Off Voltage
Operating Frequency
Life time
VDD
IDD
IDDI
VIH
VIL
VBL
IBL
FBL
3.15
-
-
0.7 VDD
-0.5
685
3.0
-
-
1290
1660
30
25,000
3.3
500
-
-
-
585
8.0
-
-
-
-
50
40,000
3.45
800
1,500
VDD + 0.5
0.3 VDD
570
9.0
880
1145
-
-
80
-
VDC
mA
mA
V
V
VRMS
mA
VRMS
VRMS
VRMS
VRMS
KHz
hours
1
1, 2
7
1
1
3
At 25 2
At 0 2
4
At 25 2
At 0 2
5
6
Notes: 1. All values shall be measured at the user connection.
2. The input current shall be measured at VDD of 3.3V at 25 , refresh rate of 60Hz, and clock
frequency of 65MHz under 9 gray pattern.
3. The backlight input current shall be measured at the ground cable and does not include loss
of external inverter.
4. Voltages at both ends of the lamp.
5. Voltages at secondary side of transformer using the balancing capacitor, 22pF in inverter.
These voltages can be changed with customer’s own design of inverter.
6. The life time is defined as the time at which brightness of lamp is 50% compare to that of
initial value at the typical lamp current.
7. Power supply kick off current means power supply input current at the moment of LCM power
on. This current is higher than the current at the normal operating condition and it lasts for
50~100ms.
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com