データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM151X2 データシート(PDF) 18 Page - NXP Semiconductors

部品番号 LM151X2
部品情報  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 データシート(HTML) 18 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 14Page - NXP Semiconductors LM151X2 Datasheet HTML 15Page - NXP Semiconductors LM151X2 Datasheet HTML 16Page - NXP Semiconductors LM151X2 Datasheet HTML 17Page - NXP Semiconductors LM151X2 Datasheet HTML 18Page - NXP Semiconductors LM151X2 Datasheet HTML 19Page - NXP Semiconductors LM151X2 Datasheet HTML 20Page - NXP Semiconductors LM151X2 Datasheet HTML 21Page - NXP Semiconductors LM151X2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 18/25
LM151X2
Liquid Crystal Display
Product Specification
-2. The Supplier shall screen all of the products in the lot and repair or replace the defective products
within a reasonable time period at the Customer’s facility.
-3. The Customer shall screen the entire lot for the good LCMs at the expense of the Supplier to be
separately agreed upon. The rejected products shall be returned to the place designated by the Supplier.
8. Inspection Specifications
a) General conditions
i) The environment conditions
- Ambient temperature : 20~25
- Humidity
: 65 5%RH
- Ambient illumination : Single 20W fluorescent lamp non-directive (About 300 to 700 Lux)
ii) Viewing distance
The distance between the LCM and the eyes of the inspector shall be at least 35cm.
III) Inspection zone for external inspection
External inspection should be performed from front side(Display area)
b) External Inspection Standards
Inspection items
Inspection Standards
Remark
Dent
Dot shape
D 0.5, N 8
On the polarizer
Scratches
Line shape
0.01 W 0.2, 5 L 20, N 4
On the polarizer
Dot shape
0.2 D 0.5, N 5
Operating
Stain inclusion
Line shape
0.05 W 0.1, 0.3 L 3.0, N 5
Operating
W : Width(mm)
L : Length(mm)
D : Average diameter(mm)
Note) Those extraneous substances which can be wiped out easily are acceptable.
c) Display-on Inspection(Visual inspection)
i) Dot Defect
- Bright Dot Defects : When the LCM is turned on, dots(sub-pixels) which appear bright in the display
area at Black(Dark) Mode are bright dot defects.
R, G or B 1 dot
: 6 Max.
R, G or B join 2 dots : 1 Max.
R, G or B join 3 dots : 0 max.
Minimum Distance between defects : D
10mm
Total amount of Bright dot defects : 6 Max.
- Black Dot defects : When the LCM is turned on, dots(sub-pixels) which appear black in the display
area at White(Bright) Mode are black dot defects.
1 dot
: 6 Max.
Join 2 dots : 1 Max.
Join 3 dots : 0 max.
Minimum Distance between defects : D
10mm
Total amount of Black dot defects : 6 Max.
- Total amount of Dot Defect(Bright and Black Dot) : 10 Max. (Combination)
ii) Line Defect
All line defects such as vertical, horizontal or cross line defect are not allowed.
Note 1) Dot Defect : Defected area > 1/2 dot
2) 1 Dot
: Defect dot is isolated, not attached to other defect dot.
3) 3 Join N Dot : N dots are consecutive. (N means the number of defect dots)
9. Other
If any problems arise with the LCM supplied by LGE, the Customer and Supplier will cooperate and make
efforts to solve it with mutual confidence and respect.
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com