データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM151X2 データシート(PDF) 17 Page - NXP Semiconductors

部品番号 LM151X2
部品情報  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 データシート(HTML) 17 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 13Page - NXP Semiconductors LM151X2 Datasheet HTML 14Page - NXP Semiconductors LM151X2 Datasheet HTML 15Page - NXP Semiconductors LM151X2 Datasheet HTML 16Page - NXP Semiconductors LM151X2 Datasheet HTML 17Page - NXP Semiconductors LM151X2 Datasheet HTML 18Page - NXP Semiconductors LM151X2 Datasheet HTML 19Page - NXP Semiconductors LM151X2 Datasheet HTML 20Page - NXP Semiconductors LM151X2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 17/25
LM151X2
Liquid Crystal Display
Product Specification
12. Incoming Inspection Standards for TFT-LCD Modules
1. Scope
This incoming inspection standard shall be applied to TFT-LCD Modules(hereafter called ”LCMs”) supplied
by LG Electronics Inc.(hereafter called the ”Supplier”) to Customer.
2. Incoming inspection
The Customer shall have the right to conduct at its own cost and expense, an incoming inspection of the
LCMs at the destination specified in the relevant bills of lading in accordance with the LCM’s specifications
separately agreed upon and the inspection standard set forth in this article.
The Customer shall notify the Supplier in writing of the inspection results(acceptance or rejection) in
accordance with the said inspection standard within 40 days after the date of the bills of lading.
Should Customer fail to so notify the Supplier within the said 40 days period, the Customer’s right to reject
the LCMs shall then lapse, and the said LCMs shall be deemed to have been accepted by the Customer.
3. Method of Incoming inspection
Unless otherwise agreed upon in writing, the sampling inspection method based on MIL-STD-105E shall be
applied to the Customer’s incoming inspection.
4. Classification of defects
Defects are classified as either a major defect or a minor defect based on the degree of defect defined
herein.
a) Major defect
A major defect is a defect that is likely to result in product failure, or reduction in the product’s intended
usage.
b) Minor defect
A minor defect is a defect that has little bearing on the effective use or operation of the product.
Specific criteria of judgement of major and/or minor defects or other related issues shall be in accordance
with the attached ”Classification of Defects”. (refer to appendix 4)
5. Acceptable Quality Level(”AQL”)
The AQL for major and minor defects shall be respectively set forth below.
a) Major defects : AQL = 0.65%
b) Minor defects : AQL = 1.5%
6. Sampling Inspection Method
a) Lot size : Quantity per shipment lot
b) Sampling type : Normal inspection, Single sampling
c) Inspection level : II
d) Sampling table : Table in MIL-STD-105E
7. Determination of acceptability and subsequent disposal
If the number of defects found in the LCM sampling lot is equal to or less than the applicable acceptance
level, the lot shall be accepted.
If the number of defects is greater than the applicable acceptance level, the lot shall be rejected. The
Customer shall inform the Supplier of the detailed results of such inspection within the time period stipulated
in item #2 ”Incoming inspection”.
a) Accepted lot
An acceptance under the above incoming inspection shall constitute an acceptance by the Customer of
such lot of the LCMs in terms of the landed quality thereof.
b) Rejected lot
If a shipment lot of products is rejected under the above incoming inspection due to any defects for which
the Supplier is responsible and such a fact is clearly confirmed by the Supplier through a separate
inspection or as otherwise decided, the Supplier shall choose one of the following three options which
must be determined by mutual consent. The Supplier shall advise the Customer of its choice not later than
14 working days(Monday to Friday) of receipt of the ”Customer’s notification of rejected lot” :
-1. The Customer shall return the rejected lot to the place to be designated by the Supplier and the
Supplier shall screen all of the products in the lot and repair or replace the defective products.
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com