データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM151X2 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 LM151X2
部品情報  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 データシート(HTML) 6 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 2Page - NXP Semiconductors LM151X2 Datasheet HTML 3Page - NXP Semiconductors LM151X2 Datasheet HTML 4Page - NXP Semiconductors LM151X2 Datasheet HTML 5Page - NXP Semiconductors LM151X2 Datasheet HTML 6Page - NXP Semiconductors LM151X2 Datasheet HTML 7Page - NXP Semiconductors LM151X2 Datasheet HTML 8Page - NXP Semiconductors LM151X2 Datasheet HTML 9Page - NXP Semiconductors LM151X2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 6/25
LM151X2
Liquid Crystal Display
Product Specification
4. Optical Specifications
Optical characteristics are determined after the unit has been ‘ON’ and stable for approximately 30
minutes in a dark environment at 25 . The values specified are at an approximate distance 50cm from
the LCD surface at a viewing angle of
Φ and θ equal to 0° and aperture 1 degree. The test equipment is
PhotoResearch Prichard SpectroRadiometer Model 1980B-SC or equivalent. The input signal voltage and
timing specification are VDD of 3.3V and VESA XGA @60Hz respectively. The input current of backlight is
8mA(FBL = 50KHz) at the ground terminals.
Table 2 OPTICAL CHARACTERISTICS
Values
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Contrast Ratio
Average Brightness, white
Brightness Variation
Response Time
Rise Time
Decay Time
CIE Color Coordinates
Red
Green
Blue
White
Viewing Angle by CR
≥ 10
x axis, right ( =0º)
x axis, left( =180º)
y axis, up( =90º)
y axis, down ( =270º)
Cross talk
Horizontal
Vertical
Gamma value
CR
SBWH
SBV
Tr
TrR
TrD
xR
yR
xG
yG
xB
yB
xW
yW
200
170
-
-
-
0.600
0.310
0.270
0.570
0.110
0.070
0.290
0.310
55
55
40
40
-
-
-
250
200
-
50
20
30
0.630
0.340
0.300
0.600
0.140
0.100
0.320
0.340
60
60
45
45
-
-
-
-
-
30
80
30
50
0.660
0.370
0.330
0.630
0.170
0.130
0.350
0.370
-
-
-
-
1.5
1.5
-
cd/m
2
%
msec
degree,
%
1
2
3
4
5
6
7
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com