データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM151X2 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 LM151X2
部品情報  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 データシート(HTML) 4 Page - NXP Semiconductors

  LM151X2 Datasheet HTML 1Page - NXP Semiconductors LM151X2 Datasheet HTML 2Page - NXP Semiconductors LM151X2 Datasheet HTML 3Page - NXP Semiconductors LM151X2 Datasheet HTML 4Page - NXP Semiconductors LM151X2 Datasheet HTML 5Page - NXP Semiconductors LM151X2 Datasheet HTML 6Page - NXP Semiconductors LM151X2 Datasheet HTML 7Page - NXP Semiconductors LM151X2 Datasheet HTML 8Page - NXP Semiconductors LM151X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 4/25
LM151X2
Liquid Crystal Display
Product Specification
General Descriptions
The LG Philips LCD model LM151X2 LCD is a Color Active Matrix Liquid Crystal Display with an integral
Cold Cathode Fluorescent Tube(CCFT) back light system. The matrix employs a-Si Thin Film Transistor
as the active element. It is a transmissive type display operating in the normally white mode. This TFT-
LCD has a 15.1 inch diagonally measured active display area with XGA resolution(768 vertical by 1024
horizontal pixel array). Each pixel is divided into Red, Green and Blue sub-pixels or dots which are
arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is determined with a 6-bit
gray scale signal for each dot, thus, presenting a palette of more than 262,144 colors.
LM151X2 has been designed to apply the CMOS logic level interface.
The LM151X2 LCD is intended to support applications where high brightness, wide viewing angle, high
color saturation, and high color depth are very important. In combination with the vertical arrangement of
the sub-pixels, the LM151X2 characteristics provide an excellent flat panel display for office automation
products such as monitors.
General Display Characteristics
The following are general features of the model LM151X2 LCD;
Active display area
15.1 inches(38cm) diagonal
Outsize dimensions
352.6w * 265.0h * 18.5t(typ)mm (Without Inverter and User Connector)
Pixel pitch
0.30 mm x 0.30 mm
Pixel format
1024 horiz. By 768 vert. Pixels RGB vertical stripe arrangement
Color depth
6-bit, 262,144 colors
Display operating mode
transmissive mode, normally white
Surface treatments
hard coating(3H), anti-glare treatment of the front polarizer
Source driver circuit
TFT-LCD
(1024
×768)
Timing
Control
Block
Power
Block
Backlight Ass’y
CN2
CN3
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com