| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM2512ASN Datasheet
# Example questions:
➢ What is the minimum scl frequency for a write operation in the spi interface?
➢ What is the typical pixel clock frequency range for a 3 md lane configuration, according to the document?
➢ What is the purpose of 'tstoppclk' and what unit is it measured in?
# LM2512A Mobile Pixel Link Serializer
## Features & Description
️· Function: 24-bit RGB to 18-bit Dithering & Serialization for Mobile Pixel Link (MPL-1)
️· Supports: Up to 640x480 VGA resolution
️· Optional: Dithering, Look-Up Table for color correction
️· Interface: LVCMOS input, MPL output
️· Power: Low power consumption, power-down modes
️· Applications: LCD displays, mobile devices
## Pin Descriptions
️· RGB Inputs: R[7:0], G[7:0], B[7:0]
️· Control Signals: VS, HS, DE, PCLK
️· SPI Interface: SPI_CSX, SPI_SCL, SPI_SDA
️· MPL Outputs: MD[2:0], MC
️· Power/Ground: VDD, VSSA, VDDIO, VSSIO, VDDA
## Electrical Characteristics
️· Supply Voltages: 1.6V - 3.0V
️· Operating Temperature: -30°C to 85°C
️· PCLK Frequency: 7.5 MHz - 22.5 MHz (4x mode)
️· Current Consumption: Varies depending on mode (see datasheet)
## Timing Characteristics
️· Setup/Hold Times: Specified for input signals (PCLK, RGB)
️· SPI Timing: Specified for SPI communication
️· Serial Bus Timing: Parameters for data valid before/after clock
## Functional Description
️· Dithering: Converts 24-bit RGB to 18-bit with noise reduction
️· Look-Up Table: Allows independent color correction
️· MPL Interface: Transmits data over serial lines
️· Power Down: Reduces power consumption when inactive
## SPI Interface
️· Control: Used to configure and load the Look-Up Table.
️· Communication: Master/Slave setup with chip select line.
️· Registers: Allows control of various features and settings.
# LM2512A Mobile Pixel Link Serializer
## Features & Description
️· Function: 24-bit RGB to 18-bit Dithering & Serialization for Mobile Pixel Link (MPL-1)
️· Supports: Up to 640x480 VGA resolution
️· Optional: Dithering, Look-Up Table for color correction
️· Interface: LVCMOS input, MPL output
️· Power: Low power consumption, power-down modes
️· Applications: LCD displays, mobile devices
## Pin Descriptions
️· RGB Inputs: R[7:0], G[7:0], B[7:0]
️· Control Signals: VS, HS, DE, PCLK
️· SPI Interface: SPI_CSX, SPI_SCL, SPI_SDA
️· MPL Outputs: MD[2:0], MC
️· Power/Ground: VDD, VSSA, VDDIO, VSSIO, VDDA
## Electrical Characteristics
️· Supply Voltages: 1.6V - 3.0V
️· Operating Temperature: -30°C to 85°C
️· PCLK Frequency: 7.5 MHz - 22.5 MHz (4x mode)
️· Current Consumption: Varies depending on mode (see datasheet)
## Timing Characteristics
️· Setup/Hold Times: Specified for input signals (PCLK, RGB)
️· SPI Timing: Specified for SPI communication
️· Serial Bus Timing: Parameters for data valid before/after clock
## Functional Description
️· Dithering: Converts 24-bit RGB to 18-bit with noise reduction
️· Look-Up Table: Allows independent color correction
️· MPL Interface: Transmits data over serial lines
️· Power Down: Reduces power consumption when inactive
## SPI Interface
️· Control: Used to configure and load the Look-Up Table.
️· Communication: Master/Slave setup with chip select line.
️· Registers: Allows control of various features and settings.
| Part No. | LM2512ASN |
| Manufacturer | TI |
| Size | 1Mb |
| Pages | 28 pages |
| Description | LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table |