データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2512ASN データシート(PDF) 10 Page - Texas Instruments

部品番号 LM2512ASN
部品情報  LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2512ASN データシート(HTML) 10 Page - Texas Instruments

Back Button LM2512ASN Datasheet HTML 6Page - Texas Instruments LM2512ASN Datasheet HTML 7Page - Texas Instruments LM2512ASN Datasheet HTML 8Page - Texas Instruments LM2512ASN Datasheet HTML 9Page - Texas Instruments LM2512ASN Datasheet HTML 10Page - Texas Instruments LM2512ASN Datasheet HTML 11Page - Texas Instruments LM2512ASN Datasheet HTML 12Page - Texas Instruments LM2512ASN Datasheet HTML 13Page - Texas Instruments LM2512ASN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Bus
Phase
MC
MDn
Active
Power-Off
1
H = ( 1*I)
L = (5*I)
O = (0*I)
H = ( 1*I)
L = (5*I)
O = (0*I)
Current Waveforms
MC-out (SER)/
MC-in (DES)
Link-Up
Link
Off
Bus
Phase
PD*
(SER)
active
PCLK
(SER)
MDn-out
(SER)/MDn-in
(DES)
PD*
(DES)
PCLK remains ON
t0
t1
t2
t3
t4
LM2512A
SNLS269B – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 9. MPL Power Up Timing
OFF PHASE
In the OFF phase, MPL transmitters are turned off with zero current flowing on the MC and MDn lines. Figure 10
shows the transition of the MPL bus into the OFF phase. If an MPL line is driven to a logical Low (high current)
when the OFF phase is entered it may temporarily pass through as a logical High (low current) before reaching
the zero line current state. The link may be powered down by asserting both the SER’s and DES’s PD* input pins
(Low) or by stopping the PCLK (DES dependant). This causes the devices to immediately put the link to the OFF
Phase and internally enter a low power state.
Figure 10. Bus Power Down Timing
RGB VIDEO INTERFACE
The LM2512A is transparent to data format and control signal timing. Each PCLK, RGB inputs, HS, VS and DE
are sampled on the rising edge of the PCLK. A PCLK by PCLK representation of these signals is duplicated on
the opposite device after being transferred across the MPL Level-0 interface.
The LM2512A can accommodate a wide range of display formats. QVGA to VGA can be supported within the
2MHz to 20 MHz PCLK input range.
The 24-bit RGB (R0-7, G0-7, B0-7) color information is dithered to 18 bits then serialized, followed by the control
bits VS (VSYNC), HS (HSYNC), DE (Data Enable) and PE (Odd Parity) and Frame Sequence (F[1:0]) bits.
The default configuration is for 2 MD lanes plus the MC. Via the SPI Interface, the Serializer can be configured
for a 3 MD Lane configuration.
When transporting color depth below 24-bit, the 24-bit protocol can be used by offsetting the color data. The
LSBs of the RGB are not used and data is offset toward the upper (MSB) end of the bit fields. Unused inputs
should be tied off.
At a maximum PCLK of 20 MHz (3MDs), a 80MHz MC clock is generated. The data lane rate uses both clock
edges, thus 160Mbps (raw) are sent per MD lane.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com