データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2512ASN データシート(PDF) 3 Page - Texas Instruments

部品番号 LM2512ASN
部品情報  LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2512ASN データシート(HTML) 3 Page - Texas Instruments

  LM2512ASN Datasheet HTML 1Page - Texas Instruments LM2512ASN Datasheet HTML 2Page - Texas Instruments LM2512ASN Datasheet HTML 3Page - Texas Instruments LM2512ASN Datasheet HTML 4Page - Texas Instruments LM2512ASN Datasheet HTML 5Page - Texas Instruments LM2512ASN Datasheet HTML 6Page - Texas Instruments LM2512ASN Datasheet HTML 7Page - Texas Instruments LM2512ASN Datasheet HTML 8Page - Texas Instruments LM2512ASN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM2512A
www.ti.com
SNLS269B – AUGUST 2007 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VDDA)
−0.3V to +2.2V
Supply Voltage (VDD)
−0.3V to +2.2V
Supply Voltage (VDDIO)
−0.3V to +3.3V
LVCMOS Input/Output Voltage
−0.3V to (VDDIO +0.3V)
MPL Output Voltage
−0.3V to VDDA
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
ESD Ratings:
HBM - JESD22
−A114C std.
≥±2 kV
MM - JESD22
−A115−A std.
≥±200V
CDM - JESD22
−C101−C std.
≥±500V
Maximum Package Power Dissipation Capacity
NZK0049A Package
2.5 W
at 25°C
NJM0040A Package
3.2 W
Derate NZK0049A Package above 25°C
25 mW/°C
Derate NJM0040A Package above 25°C
26 mW/°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be specified. They are not meant to imply
that the device should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
Min
Typ
Max
Units
Supply Voltage
VDDA to VSSA and VDD to VSS
1.6
1.8
2.0
V
VDDIO to VSSIO
1.6
3.0
V
PClock Frequency (4X)
7.5
22.5
MHz
PClock Frequency (6X)
5
15
MHz
MC Frequency
30
90
MHz
Ambient Temperature
−30
25
85
°C
ELECTRICAL CHARACTERISTICS
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MPL
IOLL
Logic Low Current (5X IB)
3.947IB
5.0 IB
6.842IB
µA
IOMS
Mid Scale Current
3.0 IB
µA
IOLH
Logic High Current (1X IB)
0.711 IB
1.0 IB
1.368 IB
µA
IB
Current Bias
190
µA
IOFF
MPL Leakage Current
VMPL = 0V
−2
+2
µA
LVCMOS (1.6V to 3.0V Operation)
VIH
Input Voltage High Level
0.7 VDDIO
VDDIO
V
VIL
Input Voltage Low Level
GND
0.3 VDDIO
V
VHY
Input Hysteresis
100
mV
IIN
Input Current
−1
0
+1
µA
VOH
Output Voltage High Level
SPI_SDA
IOH = −1 mA
0.7 VDDIO
VDDIO
V
VOL
Output Voltage Low Level
IOL = 1 mA
VSSIO
0.2 VDDIO
V
SUPPLY CURRENT
(1)
Typical values are given for VDDIO = 1.8V and VDD = VDDA = 1.8V and TA = 25°C.
(2)
Current into a device pin is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to Ground
unless otherwise specified.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com