データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT7503 データシート(PDF) 2 Page - Power Integrations, Inc.

部品番号 LYT7503
部品情報  Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT7503 データシート(HTML) 2 Page - Power Integrations, Inc.

  LYT7503 Datasheet HTML 1Page - Power Integrations, Inc. LYT7503 Datasheet HTML 2Page - Power Integrations, Inc. LYT7503 Datasheet HTML 3Page - Power Integrations, Inc. LYT7503 Datasheet HTML 4Page - Power Integrations, Inc. LYT7503 Datasheet HTML 5Page - Power Integrations, Inc. LYT7503 Datasheet HTML 6Page - Power Integrations, Inc. LYT7503 Datasheet HTML 7Page - Power Integrations, Inc. LYT7503 Datasheet HTML 8Page - Power Integrations, Inc. LYT7503 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. C 07/16
2
LYT7503-7504
www.power.com
Pin Functional Description
BYPASS (BP) Pin:
5.25 V supply rail.
MULTIFUNCTION (M) Pin:
Mode 1: MOSFET OFF
Detection of inductor de-magnetization (ZCD) to ensure CrM
Output OVP sensing (120 % of V
OUT nominal)
Steady-state operation voltage range is 1 V – 2.4 V
Mode 2: MOSFET ON
Line OVP
FEEDBACK (FB) Pin:
MOSFET current sensing using external current sense resistor
Normal operating range is V
FB(REF) to 0 V
DRAIN (D) Pin:
High-voltage internal MOSFET.
SOURCE (S) Pin:
Power and signal ground.
Figure 4. Pin Configuration.
Figure 3. Block Diagram.
PI-7907-071316
SOURCE
(S)
TON
STATE
MACHINE
UP/DN
COUNTER
BYPASS
(BP)
DRAIN
(D)
MULTI-
FUNCTION
(M)
FEEDBACK
(FB)
REGULATOR
5.25 V
IVALLEY
0.7 × VFB(REF)
4.5 V
0 V
IPK
R2
R1
IOVP
Line_Comp
OOVP
OTP
VOUT_SS
AC_Valley
AC_High
INPUT
LINE
SENSE
FAULT
HANDLING
ZERO
CURRENT
DETECTION
VOUT
SENSE
ILIMIT
SOA
THERMAL
SHUTDOWN
SYSTEM
CLOCK
S Q
R Q
FAULT
UV
CONTROL
LOGIC
PI-7908-032216
D Package (SO-8)
BP
M
FB
D
1
2
3
4
8
7
6
5
S
S
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com