データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT7503 データシート(PDF) 6 Page - Power Integrations, Inc.

部品番号 LYT7503
部品情報  Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT7503 データシート(HTML) 6 Page - Power Integrations, Inc.

Back Button LYT7503 Datasheet HTML 2Page - Power Integrations, Inc. LYT7503 Datasheet HTML 3Page - Power Integrations, Inc. LYT7503 Datasheet HTML 4Page - Power Integrations, Inc. LYT7503 Datasheet HTML 5Page - Power Integrations, Inc. LYT7503 Datasheet HTML 6Page - Power Integrations, Inc. LYT7503 Datasheet HTML 7Page - Power Integrations, Inc. LYT7503 Datasheet HTML 8Page - Power Integrations, Inc. LYT7503 Datasheet HTML 9Page - Power Integrations, Inc. LYT7503 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev. C 07/16
6
LYT7503-7504
www.power.com
Absolute Maximum Ratings(1,3)
DRAIN Pin Voltage:
LYT750x ........................... -0.3 V to 725 V
DRAIN Pin Peak Current: LYT7503 ...........................1.05 A (1.3 A)(1)
LYT7504 .............................2.1 A (2.6 A)(1)
BYPASS Pin Voltage ...................................................-0.3 V to 6.0 V
MULTIFUNCTION, FEEDBACK Pin Voltage................ -0.45 V to 7.0 V(2)
Lead Temperature ................................................................ 260 °C
Storage Temperature ...................................................-65 to 150 °C
Operating Junction Temperature................................ -40 to 150 °C(4)
Notes:
1. The higher peak Drain current (in parentheses) is allowed while the
Drain-Source voltage is simultaneously less than 400 V for the
integrated MOSFET.
2. If the SOURCE pin is open circuit, -0.7 V between FEEDBACK pin
and SOURCE pin is observed with no degradation in performance.
3. The absolute maximum ratings specified may be applied one at a
time without causing permanent damage to the product. Exposure
to absolute maximum ratings for extended periods of time may
affect product reliability.
4. Normally limited by internal circuitry.
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Minimum Switching
Frequency
f
MIN
18
20
22
kHz
Maximum Switch
ON-Time
T
ON(MAX)
10
µs
Minimum Switch
ON-Time
T
ON(MIN)
1.012
1.1
1.25
µs
FEEDBACK Pin
Reference Voltage
V
FB(REF)
T
J = 25 °C
See Note C
-285
-279
-273
mV
Dead Zone Detect
Threshold
V
TH(DZ)
0.3 ×
V
FB(REF)
V
Maximum Constant
Current Zone
T
CC(MAX)
6
ms
Forced Minimum
Constant Current Zone
T
CC(MIN)
1.2
ms
BYPASS Pin
Supply Current
I
SBY
Standby (MOSFET not switching)
180
µA
I
DSS
MOSFET Switching
LYT7503
785
µA
LYT7504
850
BYPASS Pin
Charge Current
I
CH1
V
BP = 0.0 V, VDS ≥ 36 V
-10
-4.5
mA
I
CH2
V
BP = 5.0 V, VDS ≥ 36 V
-6
-2
mA
BYPASS Pin Voltage
V
BP
5.075
5.22
5.35
V
BYPASS Pin
Shunt Voltage
V
BP(SHUNT)
5.2
5.39
5.55
V
BYPASS Pin Power-Up
Reset Threshold Voltage
V
BP(RESET)
4.35
4.5
4.65
V
Thermal Resistance
Thermal Resistance: SO-8 Package:
(q
JA)................................100 °C/W
(2)
, 80 °C/W(3)
(q
JC)
(1)
................................................ 30 °C/W
Notes:
1. Measured on the SOURCE pin close to plastic interface.
2. Soldered to 0.36 sq. inch (232 mm2) 2 oz. (610 g/m2) copper clad
pcb, with no external heat sink attached.
3. Soldered to 1 sq. in. (645 mm2), 2 oz, (610 g/m2) copper clad pcb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com