データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT7503 データシート(PDF) 7 Page - Power Integrations, Inc.

部品番号 LYT7503
部品情報  Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT7503 データシート(HTML) 7 Page - Power Integrations, Inc.

Back Button LYT7503 Datasheet HTML 3Page - Power Integrations, Inc. LYT7503 Datasheet HTML 4Page - Power Integrations, Inc. LYT7503 Datasheet HTML 5Page - Power Integrations, Inc. LYT7503 Datasheet HTML 6Page - Power Integrations, Inc. LYT7503 Datasheet HTML 7Page - Power Integrations, Inc. LYT7503 Datasheet HTML 8Page - Power Integrations, Inc. LYT7503 Datasheet HTML 9Page - Power Integrations, Inc. LYT7503 Datasheet HTML 10Page - Power Integrations, Inc. LYT7503 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev. C 07/16
7
LYT7503-7504
www.power.com
Circuit Protection
Current Limit for
Auto-Restart
I
LIMIT(AR)
di/dt = 446 mA/µs
T
J = 25 °C
LYT7503
1.06
1.15
1.24
A
di/dt = 662 mA/µs
T
J = 25 °C
LYT7504
1.61
1.75
1.88
Fault Minimum Switch
ON-Time
T
FAULT(MIN)
250
400
ns
Auto-Restart
T
AR(OFF)1
T
J = 25 °C
100
ms
T
AR(OFF)2
1000
Input Overvoltage
Threshold
I
IOV
T
J = 25 °C
0.9
1.0
1.1
mA
MULTIFUNCTIONAL Pin
Auto-Restart Threshold
Voltage (Output OVP)
V
OOV
T
J = 25 °C
2.3
2.4
2.48
V
MULTIFUNCTIONAL Pin
Undervoltage Threshold
(Output Short)
V
OUV
T
J = 25 °C
See Note B
0.91
0.95
0.99
V
Junction Temperature
at Fold-Back
T
FB
See Note B
138
145
152
°C
Thermal Shutdown
Temperature
T
SD
See Note A
160
°C
Thermal Shutdown
Hysteresis
T
SD(H)
See Note A
75
°C
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output
ON-State Resistance
R
DS(ON)
LYT7503
I
D = 139 mA
T
J = 25 °C
4.5
5.2
T
J = 100 °C
6.8
7.8
LYT7504
I
D = 182 mA
T
J = 25 °C
3.4
3.9
T
J = 100 °C
5.1
5.8
OFF-State Leakage
I
DSS1
V
BP = 5.25 V,
V
DS = 580 V
T
J = 125 °C
LYT7503
55
µA
LYT7504
70
Breakdown Voltage
BV
DSS
LYT750x
725
V
NOTES:
A. Guaranteed by design.
B. This parameter is derived from characterization. Not production tested.
C. All parts are individually trimmed in production to deliver the best CC accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com