データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT7503 データシート(PDF) 3 Page - Power Integrations, Inc.

部品番号 LYT7503
部品情報  Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT7503 データシート(HTML) 3 Page - Power Integrations, Inc.

  LYT7503 Datasheet HTML 1Page - Power Integrations, Inc. LYT7503 Datasheet HTML 2Page - Power Integrations, Inc. LYT7503 Datasheet HTML 3Page - Power Integrations, Inc. LYT7503 Datasheet HTML 4Page - Power Integrations, Inc. LYT7503 Datasheet HTML 5Page - Power Integrations, Inc. LYT7503 Datasheet HTML 6Page - Power Integrations, Inc. LYT7503 Datasheet HTML 7Page - Power Integrations, Inc. LYT7503 Datasheet HTML 8Page - Power Integrations, Inc. LYT7503 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. C 07/16
3
LYT7503-7504
www.power.com
Figure 5. Schematic from DER-561 7.5 W, 60 V, 125 mA Dimmable Non-Isolated A19 LED Driver for Wide Input Range: 90 – 300 V VAC using LYT7503D in
Low-Side Buck Configuration.
Applications Design Example
DER-561 a Low-Line Dimmable 7.5 W, Wide Input, High Power factor
LED Bulb Driver.
Circuit Description
The circuit shown in Figure 5 is a LED driver configured as a low-side
buck utilizing the LYT7503D from the LYTSwitch-7 family of ICs. This
is a low component count (20 parts) dimmable LED driver designed to
power a 60 V LED voltage string at 125 mA output current from an
input voltage of 90 VAC to 300 VAC. Dimming performance is
optimized at low-line input (i.e. 120 VAC), while maintaining accurate
regulation for non-dimmable high-line input.
LYTSwitch-7 is a SO-8 package LED driver IC family designed for
non-isolated buck applications. The LYTSwitch-7 family provides high
efficiency, high power factor and accurate LED current regulation. It
incorporates a high-voltage 725 V power MOSFET and a control
engine to switch the MOSFET in critical conduction mode (CM) with
variable on-time and variable frequency which also helps achieve low
EMI, and low THD. The controller also integrates protection features
such as input and output overvoltage protection, thermal fold-back,
over-temperature shutdown, output short-circuit and over-current
protection. The controller also allows natural dimming with only the
addition of a damper resistor and an RC network for damping the
input current ringing when the TRIAC turns on.
Key Design Considerations
Input Stage
The input fusible resistor RF1 provides multiple-purpose function –
safety protection, current limiting against differential surge and acts
as a damping element reducing inrush-current ringing when TRIAC
dimming. Varistor RV1 acts as a voltage clamp that limits the voltage
spike on the primary during line transients and surge events. A 250
VAC rated part was selected with a maximum clamping voltage
specification of 710 VDC – lower than the device Drain voltage (725 V).
The AC input voltage is full wave rectified by BR1 to achieve good
power factor and low THD.
The rectified AC supply is filtered by the input capacitors C1 and C2.
Too much capacitance degrades power factor and THD, so the values
of the input capacitors were set to the minimum necessary to meet
EMI (with suitable margin). Inductor L1, C1 and C2 form a π (pi)
filter, which attenuates conducted differential and common mode EMI
currents. If required a ≥10 kΩ resistor (not shown) can be added
across L1 to damp the Q-factor of the filter inductor to improve the
filtering of high frequency EMI without reducing low frequency
attenuation.
The addition of the RC damper network R2 and C3 makes the driver
compatible with TRAIC (phase-cut) dimmers. The RC damper in the
circuit may be placed before or after the bridge rectifier. In this
design, the RC damper is located after the bridge rectifier for higher
dimming range. Putting the RC damper before the bridge would load
the TRIAC dimmer and maintain full output to a lower conduction
angle but would result in reduced dimming range.
LYTSwitch-7 Controller Stage
The LED driver circuit is a low-side buck configuration operating in
critical conduction mode; the controller allows complete transfer of
the energy stored in the inductor to the load before starting the next
switch cycle. The inductor demagnetization is sensed, detecting
when the voltage across the inductor begins to collapse (towards
zero) as flywheel diode (D1) conduction ceases.
Capacitor C4 provides local decoupling for the BYPASS (BP) pin IC
and provides power to the LYTSwitch-7 controller during the MOSFET
on-time. The IC has an internal regulator that draws power from the
high-voltage DRAIN (D) pin and charges the bypass capacitor C4
during the power switch off-time. The typical BYPASS pin voltage is
5.22 V. To keep the IC operating normally (especially during the dead
time), where V
IN < VOUT, and during dimming at low conduction angles,
resistors R6 and R10 are employed to keep the bypass capacitor
charged. The value of the bypass capacitor should be large enough
to keep the bypass voltage above the V
BP(RESET) reset value of 4.5 V.
The suggested minimum value for the bypass capacitor is 10 µF; an
X7R type is recommended if using a ceramic type capacitor.
Constant output current regulation is achieved through the FEED-
BACK (FB) pin directly sensing the DRAIN pin current during the
MOSFET on-time via external current sense resistors (RFB) R3 and
PI-8023-071416
LYTSwitch-7
U1
LYT7503D
D
S
R8
100 kΩ
R10
51 kΩ
R6
51 kΩ
R2
510 Ω
2 W
L
N
RTN
60 V, 125 mA
+V
D1
US1J-13-F
L1
4.7 mH
T1
EE10
4
6
BR1
B10S-G
1000 V
R3
0.68 Ω
1%
1/3 W
RV1
275 VAC
R1
47 Ω
2 W
R4
51.1 Ω
1%, 1/8 W
R9
402 kΩ
1%
R5
12.4 kΩ
1%
1/8 W
C1
22 nF
450 V
C2
120 nF
450 V
C3
220 nF
450 V
C6
220 µF
80 V
C5
100 pF
1000 V
C4
10 µF
10 V
FB
M
BP
90 - 300
VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com