データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33592 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 MC33592
部品情報  315MHz, 434MHz Bands
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33592 データシート(HTML) 4 Page - NXP Semiconductors

  MC33592 Datasheet HTML 1Page - NXP Semiconductors MC33592 Datasheet HTML 2Page - NXP Semiconductors MC33592 Datasheet HTML 3Page - NXP Semiconductors MC33592 Datasheet HTML 4Page - NXP Semiconductors MC33592 Datasheet HTML 5Page - NXP Semiconductors MC33592 Datasheet HTML 6Page - NXP Semiconductors MC33592 Datasheet HTML 7Page - NXP Semiconductors MC33592 Datasheet HTML 8Page - NXP Semiconductors MC33592 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RECEIVER FUNCTIONAL DESCRIPTION
4
MC33592 Technical Data
MOTOROLA
RECEIVER FUNCTIONAL DESCRIPTION
The basic functionality of the ROMEO2 receiver may be seen by reference to the accompanying block
diagram (see figure 1). It is fully compatible with the TANGO3 transmitter.
The RF section comprises a mixer with image cancelling, followed by an IF band-pass filter at 660kHz, an
AGC controlled gain stage and an OOKdemodulator. The data output from the circuit may either be the data
comparator output, or, if Data Manager is enabled, the SPI port.
The local oscillator is controlled with a PLL referenced to the crystal oscillator. The received channel is defined
by the choice of the crystal frequency.
An SPI bus permits programming the data rate, UHF frequency, ID word etc., though to accomodate
applications where no bus interface is available the circuit defaults at power-on to a standard operating mode.
Depending upon the configuration, the circuit can be either externally strobed by the STROBE input or
internally wait-and-sleep cycled to reduce the power consumption. At any time, a high level on STROBE
overrides the internal timer output and wakes up ROMEO2. When the circuit is switched into sleep mode its
current consumption is approximately 100µA. The circuit configuration which has previously been programmed is
retained.
THE LOCAL OSCILLATOR PLL
The PLL is tuned by comparing the local oscillator frequency, after suitable division, with that of the crystal
oscillator reference. The loop filter has been integrated in the IC. Practical limits upon the values of components
which may be integrated mean that the local oscillator performance may be slightly improved by using an
external PFD filter, shown in Figure 2. In this way the user may choose to have optimum performance with the
addition of external filter components. The PLL gain may be programmed by bit PG: it is recommended that this
bit be set to 1, corresponding to low loop gain.
Figure 2 : External loop filter
C1=4.7nF, C2=390pF, R=1k
W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com