データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33592 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 MC33592
部品情報  315MHz, 434MHz Bands
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33592 データシート(HTML) 7 Page - NXP Semiconductors

Back Button MC33592 Datasheet HTML 3Page - NXP Semiconductors MC33592 Datasheet HTML 4Page - NXP Semiconductors MC33592 Datasheet HTML 5Page - NXP Semiconductors MC33592 Datasheet HTML 6Page - NXP Semiconductors MC33592 Datasheet HTML 7Page - NXP Semiconductors MC33592 Datasheet HTML 8Page - NXP Semiconductors MC33592 Datasheet HTML 9Page - NXP Semiconductors MC33592 Datasheet HTML 10Page - NXP Semiconductors MC33592 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DATA MANAGER
MOTOROLA
MC33592 Technical Data
7
Figure 9 : Telegrams with tone
RECEIVER START-UP DELAY
A settling time (1ms typ.) is required when entering into Wait mode. figure 10.
Figure 10 : Wait usable window
DATA MANAGER
This block has five purposes:
- ID detection,
- Header recognition,
- Clock recovery,
- Output data and recovered clock on SPI port,
- End-of-Message detection.
Table 2 details some ROMEO2 features versus the bits DME and SOE values.
Table 2: ROMEO2 features versus DME and SOE
DME
SOE
Timer
ROMEO2
kept in Run mode by
Microcontroller
woken-up by
0
0
External control by
STROBE pin
STROBE pin
Raw data
1
Internal and external
control by STROBE pin
1
0
External control by
STROBE pin
STROBE pin
Message Detection
word
1
Internal and external
control by STROBE pin
ID detection
and STROBE pin
Data clock
Tone
Header
Data
EOM
Data
DME=1, HE=1
RF signal
SPI output
DME=1, HE=0
Data
EOM
Data
RF signal
SPI output
Tone
Tone
Tone detected
Tone detected
Run
Sleep
ID
ID
ID
ID
ID
ID
ID
ID
Settling
time
ID detected
Sleep
Run
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com