データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33592 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 MC33592
部品情報  315MHz, 434MHz Bands
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33592 データシート(HTML) 1 Page - NXP Semiconductors

  MC33592 Datasheet HTML 1Page - NXP Semiconductors MC33592 Datasheet HTML 2Page - NXP Semiconductors MC33592 Datasheet HTML 3Page - NXP Semiconductors MC33592 Datasheet HTML 4Page - NXP Semiconductors MC33592 Datasheet HTML 5Page - NXP Semiconductors MC33592 Datasheet HTML 6Page - NXP Semiconductors MC33592 Datasheet HTML 7Page - NXP Semiconductors MC33592 Datasheet HTML 8Page - NXP Semiconductors MC33592 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This document contains information on a new product under development. Motorola
reserves the right to change or discontinue this product without notice.
© Motorola, Inc., 2002
FEATURES
• 315MHz, 434MHz Bands
• OOK Demodulation
• Low Current Consumption: 5mA Typ. in Run Mode
• Internal or External Strobing
• Fast Wake-Up Time (1ms)
• -105dBm RF Sensitivity (at 4.8kBd Data Rate)
• Fully Integrated VCO
• Image Cancelling Mixer
• Integrated IF Bandpass Filter at 660kHz
• IF Bandwidth: 300kHz
• ID Byte and Tone Detection
• Data Rate: 1 to 11kBd
• Manchester Coded Data Clock Recovery
• Fully Configurable by SPI Interface
• Few External Components, no RF Adjustment
Figure 1: Simplified block diagram
Table 1: Ordering Information
Device
RF frequency/
IF filter bandwidth
Ambiant
Temperature Range
Package
MC33592FTA
434MHz / 300kHz
-40
°C to +85°C
LQFP24
Pin Connections
1
VCC
2
VCC
3
VCCLNA
4
RFIN
5
GNDLNA
6
GNDSUB
7
8
9
10 11
12
13 DMDAT
14 RESETB
15 MISO
16 MOSI
17 SCLK
18 VCCDIG
19
20
21
22
23
24
Technical Data
Romeo2
MC33592/D
Rev. 0, 7/2002
PLL Tuned UHF
Receiver for Data
Transfer Applications
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC33592

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33592FTA FREESCALE-MC33592FTA Datasheet
530Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
More results

同様の説明 - MC33592

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com