データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33592 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 MC33592
部品情報  315MHz, 434MHz Bands
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33592 データシート(HTML) 6 Page - NXP Semiconductors

Back Button MC33592 Datasheet HTML 2Page - NXP Semiconductors MC33592 Datasheet HTML 3Page - NXP Semiconductors MC33592 Datasheet HTML 4Page - NXP Semiconductors MC33592 Datasheet HTML 5Page - NXP Semiconductors MC33592 Datasheet HTML 6Page - NXP Semiconductors MC33592 Datasheet HTML 7Page - NXP Semiconductors MC33592 Datasheet HTML 8Page - NXP Semiconductors MC33592 Datasheet HTML 9Page - NXP Semiconductors MC33592 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
COMMUNICATION PROTOCOL
6
MC33592 Technical Data
MOTOROLA
Figure 5 : Complete message example
MESSAGE PROTOCOL
If the receiver is continuously Sleep/Run cycling, the ID word has to be recognized to stay in Run mode.
Consequently, the transmitted ID burst has to be long enough to include two consecutive receiver Run cycles.
If the Strobe oscillator is enabled (SOE=1), the circuit is in Sleep mode during SR
´ TStrobe and in Run mode
during TStrobe (where TStrobe is the Strobe oscillator period and SR is the Strobe Ratio, see Table 5).
Therefore, the sleep/run cycle period is equal to (SR+1)
´ TStrobe.
If SOE=0, these timings constraints must be respected by the external control applied on pin STROBE.
Figure 6 : Complete telegram with ID detection
Figure 7 : Complete telegram with tone detection
Figures 8 & 9 detail RF signals and the processing done by the receiver in several configuations.
Figure 8 : Telegrams with ID
Preamble
11001000
ID
Preamble
01
0
Header
1
1 0
Data
EOM
P+ID
RF signal
P+Header
Data
EOM
Run
Sleep
ID detected
Run
TStrobe
SR
´ TStrobe
P+ID
P+ID
P+ID
P+ID
P+ID
Sleep
P+ID =Preamble ID
P+Header
= Preamble Header
RF signal
Header
Data
EOM
Tone
Run
Sleep
ID detected
Run
TStrobe
SR
´ TStrobe
Sleep
Preamble ID
Preamble ID
Preamble ID
Header
Preamble
Data
EOM
Data
DME=1, HE=1
RF signal
SPI output
DME=1, HE=0
ID
Preamble ID
Data
EOM
RF signal
ID
ID
ID
ID
ID
ID
ID
ID
ID
ID
ID
ID
ID detected
ID detected
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com