データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS643D データシート(PDF) 39 Page - Advanced Micro Devices

部品番号 AM29BDS643D
部品情報  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643D データシート(HTML) 39 Page - Advanced Micro Devices

Back Button AM29BDS643D Datasheet HTML 35Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 36Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 37Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 40Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 41Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 42Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Am29BDS643D
39
PRELI M INARY
AC CHARACTERISTICS
Notes:
1. Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60.
2. If PS is enabled, RDY will be low for an additional cycle prior to the boundary crossing latency.
Figure 18.
Latency with Boundary Crossing
CLK
Address (hex)
C60
C61
C62
C63
C63
C63
C64
C65
C66
C67
D60
D61
D62
D63
D64
D65
D66
D67
(stays high)
AVD#
RDY
A/DQ0:
A/DQ15
OE#,
CE#
(stays low)
Address boundary occurs every 64 words, beginning at address
00003Eh: 00007Eh, 0000BEh, etc.) Address 000000h is also a boundary crossing.
3B
3C
3D
3E
3E
3E
3F
40
41
42
latency
tRACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46