データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS643D データシート(PDF) 44 Page - Advanced Micro Devices

部品番号 AM29BDS643D
部品情報  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643D データシート(HTML) 44 Page - Advanced Micro Devices

Back Button AM29BDS643D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 40Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 41Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 42Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 43Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 44Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 45Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
44
Am29BDS643D
PRELI M INARY
PHYSICAL DIMENSIONS*
FDE048—48-Pin Fine-Pitch Ball Grid Array (FBGA) 11 x 10 mm package
* For reference only. BSC is an ANSI standard for Basic Space Centering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46