データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS643D データシート(PDF) 6 Page - Advanced Micro Devices

部品番号 AM29BDS643D
部品情報  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643D データシート(HTML) 6 Page - Advanced Micro Devices

Back Button AM29BDS643D Datasheet HTML 2Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 3Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 4Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 5Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 6Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 9Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
Am29BDS643D
PRELI M INARY
CONNECTION DIAGRAM
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory products
in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
T he pa c k ag e and/ or dat a inte g r it y ma y be
compromised if the package body is exposed to
temperatures above 150
°C for prolonged periods of
time.
A1
RDY
A2
A21
A3
GND
A4
CLK
A5
VCC
A6
WE#
A7
VPP
A8
A19
A9
A17
A10
NC
B1
VCC
B2
A16
B3
A20
B4
AVD#
B5
PS
B6
RESET#
B7
WP#
B8
A18
B9
CE#
B10
GND
C1
GND
C2
A/DQ7
C3
A/DQ6
C4
A/DQ13
C5
A/DQ12
C6
A/DQ3
C7
A/DQ2
C8
A/DQ9
C9
A/DQ8
C10
OE#
D1
A/DQ15
D2
A/DQ14
D3
GND
D4
A/DQ5
D5
A/DQ4
D6
A/DQ11
D7
A/DQ10
D8
VCC
D9
A/DQ1
D10
A/DQ0
48-Ball FBGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46