データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S データシート(PDF) 135 Page - STMicroelectronics

部品番号 STM8S
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S データシート(HTML) 135 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 131Page - STMicroelectronics STM8S Datasheet HTML 132Page - STMicroelectronics STM8S Datasheet HTML 133Page - STMicroelectronics STM8S Datasheet HTML 134Page - STMicroelectronics STM8S Datasheet HTML 135Page - STMicroelectronics STM8S Datasheet HTML 136Page - STMicroelectronics STM8S Datasheet HTML 137Page - STMicroelectronics STM8S Datasheet HTML 138Page - STMicroelectronics STM8S Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 467 page
background image
DocID14587 Rev 14
135/467
RM0016
Timer overview
261
16.1
Timer feature comparison
Table 34. Timer feature comparison
Timer
Counter
resol-
ution
Counter
type
Prescaler
factor
Capture/
compare
chan-
nels
Comple-
mentary
outputs
Repet-
ition
counter
External
trigger
input
External
break
input
Timer
synchro-
nization/
chaining
TIM1
(advanced
control
timer)
16-bit
Up/down
Any integer
from 1 to
65536
43
Yes
1
1
With
TIM5/
TIM6
TIM2
(general
purpose
timer)
Up
Any power of
2 from 1 to
32768
3
None
No
0
0
No
TIM3
(general
purpose
timer)
2
TIM4
(basic
timer)
8-bit
Any power of
2 from 1 to
128
0
TIM5
(general
purpose
timer)
16-bit
Up
Any power of
2 from 1 to
32768
3
None
No
1
(shared
with
TIM1)
0Yes
TIM6
(basic
timer)
8-bit
Any power of
2 from 1 to
128
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More