データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S データシート(PDF) 249 Page - STMicroelectronics

部品番号 STM8S
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S データシート(HTML) 249 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 245Page - STMicroelectronics STM8S Datasheet HTML 246Page - STMicroelectronics STM8S Datasheet HTML 247Page - STMicroelectronics STM8S Datasheet HTML 248Page - STMicroelectronics STM8S Datasheet HTML 249Page - STMicroelectronics STM8S Datasheet HTML 250Page - STMicroelectronics STM8S Datasheet HTML 251Page - STMicroelectronics STM8S Datasheet HTML 252Page - STMicroelectronics STM8S Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 467 page
background image
DocID14587 Rev 14
249/467
RM0016
16-bit general purpose timers (TIM2, TIM3, TIM5)
261
0x0B
0x0D
TIM2_CNTR
L
Reset value
CNT7
0
CNT6
0
CNT5
0
CNT4
0
CNT3
0
CNT
2
0
CNT1
0
CNT0
0
0x0C
0x0E
TIM2_PSCR
Reset value
-
0
-
0
-
0
-
0
PSC
3
0
PSC
2
0
PSC1
0
PSC0
0
0x0D
0x0F
TIM2_ARRH
Reset value
ARR15
1
ARR14
1
ARR13
1
ARR12
1
ARR11
1
ARR10
1
ARR9
1
ARR8
1
0x0E
0x10
TIM2_ARRL
Reset value
ARR7
1
ARR6
1
ARR5
1
ARR4
1
ARR3
1
ARR2
1
ARR1
1
ARR0
1
0x0F
0x11
TIM2_CCR1
H
Reset value
CCR115
0
CCR114
0
CCR113
0
CCR112
0
CCR111
0
CCR110
0
CCR19
0
CCR18
0
0x10
0x12
TIM2_CCR1
L
Reset value
CCR17
0
CCR16
0
CCR15
0
CCR14
0
CCR13
0
CCR12
0
CCR11
0
CCR10
0
0x11
0x13
TIM2_CCR2
H
Reset value
CCR215
0
CCR214
0
CCR213
0
CCR212
0
CCR211
0
CCR210
0
CCR29
0
CCR28
0
0x12
0x14
TIM2_CCR2
L
Reset value
CCR27
0
CCR26
0
CCR25
0
CCR24
0
CCR23
0
CCR22
0
CCR21
0
CCR20
0
0x13
0x15
TIM2_CCR3
H
Reset value
CCR315
0
CCR314
0
CCR313
0
CCR312
0
CCR311
0
CCR310
0
CCR39
0
CCR38
0
0x14
0x16
TIM2_CCR3
L
Reset value
CCR37
0
CCR36
0
CCR35
0
CCR34
0
CCR33
0
CCR32
0
CCR31
0
CCR30
0
Table 40. TIM2 register map (continued)
Address offset
(product
dependent)
Register
name
765
43210
Table 41. TIM3 register map
Address
offset
Register name
7
654
321
0
0x00
TIM3_CR1
Reset value
ARPE
0
-
0
-
0
-
0
OPM
0
URS
0
UDIS
0
CEN
0
0x01
TIM3_IER
Reset value
-
00
-
0
-
0
-
0
CC2IE
0
CC1IE
0
UIE
0
0x02
TIM3_SR1
Reset value
-
00
-
0
-
0
-
0
CC2IF
0
CC1IF
0
UIF
0
0x03
TIM3_SR2
Reset value
-
0
-
0
-
0
-
0
-
0
CC2OF
0
CC1OF
0
-
0
0x04
TIM3_EGR
Reset value
-
00
-
0
-
0
-
0
CC2G
0
CC1G
0
UG
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More