データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S データシート(PDF) 253 Page - STMicroelectronics

部品番号 STM8S
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S データシート(HTML) 253 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 249Page - STMicroelectronics STM8S Datasheet HTML 250Page - STMicroelectronics STM8S Datasheet HTML 251Page - STMicroelectronics STM8S Datasheet HTML 252Page - STMicroelectronics STM8S Datasheet HTML 253Page - STMicroelectronics STM8S Datasheet HTML 254Page - STMicroelectronics STM8S Datasheet HTML 255Page - STMicroelectronics STM8S Datasheet HTML 256Page - STMicroelectronics STM8S Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 467 page
background image
DocID14587 Rev 14
253/467
RM0016
8-bit basic timer (TIM4, TIM6)
261
19
8-bit basic timer (TIM4, TIM6)
19.1
TIM4, TIM6 introduction
The timer consists of an 8-bit auto-reload up-counter driven by a programmable prescaler. It
can be used for time base generation, with interrupt generation on timer overflow.
TIM6 is implemented with the clock/trigger controller for timer synchronization and chaining.
Refer to Section 17.3 on page 141 for the general description of the timer features.
Figure 89. TIM4 block diagram
Figure 90. TIM6 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More