データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S データシート(PDF) 395 Page - STMicroelectronics

部品番号 STM8S
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S データシート(HTML) 395 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 391Page - STMicroelectronics STM8S Datasheet HTML 392Page - STMicroelectronics STM8S Datasheet HTML 393Page - STMicroelectronics STM8S Datasheet HTML 394Page - STMicroelectronics STM8S Datasheet HTML 395Page - STMicroelectronics STM8S Datasheet HTML 396Page - STMicroelectronics STM8S Datasheet HTML 397Page - STMicroelectronics STM8S Datasheet HTML 398Page - STMicroelectronics STM8S Datasheet HTML 399Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 467 page
background image
DocID14587 Rev 14
395/467
RM0016
Controller area network (beCAN)
427
Receive mailbox
When a message has been received, it is available to the software in the FIFO output
mailbox. Once the software has handled the message (e.g. read it) the software must
release the FIFO output mailbox by means of the RFOM bit in the CAN_RFR register to
make the next incoming message available. The filter match index is stored in the
CAN_MFMIR register. The 16-bit time stamp value is stored in the CAN_MTSRH and
CAN_MTSRL registers.
Table 67. Receive mailbox mapping
Offset to Receive Mailbox base
address (bytes)
Register name
0CAN_MFMIR
1
CAN_MDLCR
2
CAN_MIDR1
3
CAN_MIDR2
4
CAN_MIDR3
5
CAN_MIDR4
6
CAN_MDAR1
7
CAN_MDAR2
8
CAN_MDAR3
9
CAN_MDAR4
10
CAN_MDAR5
11
CAN_MDAR6
12
CAN_MDAR7
13
CAN_MDAR8
14
CAN_MTSRL
15
CAN_MTSRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More