データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7000 データシート(PDF) 65 Page - ams AG

部品番号 AS7000
部品情報  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7000 データシート(HTML) 65 Page - ams AG

Back Button AS7000 Datasheet HTML 61Page - ams AG AS7000 Datasheet HTML 62Page - ams AG AS7000 Datasheet HTML 63Page - ams AG AS7000 Datasheet HTML 64Page - ams AG AS7000 Datasheet HTML 65Page - ams AG AS7000 Datasheet HTML 66Page - ams AG AS7000 Datasheet HTML 67Page - ams AG AS7000 Datasheet HTML 68Page - ams AG AS7000 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
ams Datasheet
Page 65
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Figure 80:
CCU_WD_CTRL
Figure 81:
CCU_WD_STATUS
Figure 82:
CCU_WD_VAL
Figure 83:
CCU_WD_IRQVAL
0x40: CCU_WD_CTRL
Field
Name
Rst
Type
Description
0
wd_en
0
RW
Enable watchdog timer
1
wd_irq_msk
0
RW
If 1, pass wd_irq to system NMI input
2
wd_reset_msk
0
RW
If 1, then reset system in case of wd_reset
0x44: CCU_WD_STATUS
Field
Name
Rst
Type
Description
0
wd_irq
0
SS_WC
Watchdog timer has reached interrupt level
1
wd_reset
0
SS_WC
Watchdog has reached zero
2
wd_irq_intr
0
RO
NMI is currently asserted by watchdog
0x48: CCU_WD_VAL
Field
Name
Rst
Type
Description
23:0
wd_value
0
R_PUSH
Reload the watchdog counter with this value. The
watchdog counter counts down, and it triggers a system
reset as soon as it reaches zero.
0x4c: CCU_WD_IRQVAL
Field
Name
Rst
Type
Description
23:0
wd_irq_value
0
RW
If the watchdog counter reached this value, it will trigger
an NMI as an early warning, if wd_irq_msk is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92