データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7000 データシート(PDF) 17 Page - ams AG

部品番号 AS7000
部品情報  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7000 データシート(HTML) 17 Page - ams AG

Back Button AS7000 Datasheet HTML 13Page - ams AG AS7000 Datasheet HTML 14Page - ams AG AS7000 Datasheet HTML 15Page - ams AG AS7000 Datasheet HTML 16Page - ams AG AS7000 Datasheet HTML 17Page - ams AG AS7000 Datasheet HTML 18Page - ams AG AS7000 Datasheet HTML 19Page - ams AG AS7000 Datasheet HTML 20Page - ams AG AS7000 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
ams Datasheet
Page 17
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
6:4
led2_mode
0
RW
LED2 mode
Setting
Behavior
0
Always OFF
1
Always ON when sequencer is active
2Controlled by sequencer
3
Controlled by sequencer, only ON in even
iterations: 0, 2, 4 etc.
4
Controlled by sequencer, only ON in odd
iterations: 1, 3, 5 etc.
5
Controlled by sequencer, only ON in every
fourth iteration, starting at 1: 1, 5, 9 etc.
3:1
led1_mode
0
RW
LED1 mode
Setting
Behavior
0
Always OFF
1
Always ON when sequencer is active
2Controlled by sequencer
3
Controlled by sequencer, only ON in even
iterations: 0, 2, 4 etc.
4
Controlled by sequencer, only ON in odd
iterations: 1, 3, 5 etc.
5
Controlled by sequencer, only ON in every
fourth iteration, starting at 0: 0, 4, 8 etc.
0seq_en
0
RW
0...Disables sequencer
1...Enables sequencer
0x20: AFE_MAN_SEQ_CFG
Field
Name
Rst
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92