データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7000 データシート(PDF) 33 Page - ams AG

部品番号 AS7000
部品情報  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7000 データシート(HTML) 33 Page - ams AG

Back Button AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG AS7000 Datasheet HTML 31Page - ams AG AS7000 Datasheet HTML 32Page - ams AG AS7000 Datasheet HTML 33Page - ams AG AS7000 Datasheet HTML 34Page - ams AG AS7000 Datasheet HTML 35Page - ams AG AS7000 Datasheet HTML 36Page - ams AG AS7000 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
ams Datasheet
Page 33
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
AFE_ADC_COUNTER Register (Addr: 0x84)
The AFE_ADC_COUNTER register shows the current value of the
ADC counter
Figure 37:
AFE_ADC_COUNTER Register
Example Sequencer Configurations
Used adc_clock = 0 and adc_highres=0 for the examples to
shorten the ADC settling time. As seq_div = 1 and seq_
period=40, one sequence is 80μs.
Example 1
Making 4 measurements with LED1 only.
Integration time is 20 cycles. LED is turned on 10 cycles before
integration starts to avoid current bouncing errors.
Figure 38:
Sequencer Example 1
Figure 39:
Sequencer Example 1 Waveform
Addr: 0x84
AFE_ADC_COUNTER
Bit
Bit Name
Default
Access
Description
7:0
adc_counter
0x00
R
Current ADC counter value
seq_
period
seq_
div
seq_
count
seq_
led_
start
seq_
led_
stop
seq_
itg_
start
seq_
itg_
stop
seq_
adc
seq_
adc_inc
led1_
mode
led2_
mode
40
1
4
10
40
20
40
39
0
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92