データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7000 データシート(PDF) 78 Page - ams AG

部品番号 AS7000
部品情報  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7000 データシート(HTML) 78 Page - ams AG

Back Button AS7000 Datasheet HTML 74Page - ams AG AS7000 Datasheet HTML 75Page - ams AG AS7000 Datasheet HTML 76Page - ams AG AS7000 Datasheet HTML 77Page - ams AG AS7000 Datasheet HTML 78Page - ams AG AS7000 Datasheet HTML 79Page - ams AG AS7000 Datasheet HTML 80Page - ams AG AS7000 Datasheet HTML 81Page - ams AG AS7000 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Page 78
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
Figure 104:
GPIO_INTR
Figure 105:
GPIO_D_SET
Figure 106:
GPIO_OE_SET
Figure 107:
GPIO_D_CLR
0x28: GPIO_INTR
Field
Name
Rst
Type
Description
8:0
gpio_intr
0
RO
These bits are OR'ed together and generate the interrupt
signal
0x30: GPIO_D_SET
Field
Name
Rst
Type
Description
12:0
gpio_o_set
0
PUSH
Setting one or more bit(s) of the GPIO_DATA register
directly without affecting the others
0x34: GPIO_OE_SET
Field
Name
Rst
Type
Description
12:0
gpio_oe_set
0
PUSH
Setting one or more bit(s) of the GPIO_OE registers directly
without affecting the others
0x38: GPIO_D_CLR
Field
Name
Rst
Type
Description
12:0
gpio_o_clr
0
PUSH
Clearing one or more bit(s) of the GPIO_DATA register
directly without affecting the others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92