データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7000 データシート(PDF) 25 Page - ams AG

部品番号 AS7000
部品情報  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7000 データシート(HTML) 25 Page - ams AG

Back Button AS7000 Datasheet HTML 21Page - ams AG AS7000 Datasheet HTML 22Page - ams AG AS7000 Datasheet HTML 23Page - ams AG AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
ams Datasheet
Page 25
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Voltage Mode of the Photodiode Amplifier
The output voltage of the photodiode amplifier is depending
on the feedback component:
Feedback resistor:
Feedback capacitor:
Note(s): The integration time tINT is defined either by the
sequencer (man_mode=0) of manually through the bit sw_itg
if man_mode=1.
For the synchronous demodulator only use the resistive
feedback.
Figure 23:
Difference Between Resistive and Capacitive Feedback
(EQ1)
Uout
Iphoto Rfb
⋅
=
(EQ2)
Uout
Iphoto
tINT
Cfb
----------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92