| データシートサーチシステム |
|
X11SSL データシート(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL データシート(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 124 page ![]() 12 X11SSM(-F)/X11SSL(-F) User Manual Notes: • See Chapter 2 for detailed information on jumpers, I/O ports, and JF1 front panel con- nections. • " " indicates the location of Pin 1. • Jumpers/LED indicators not indicated are used for testing only. • Please refer to the table on page 10 to see model variations. • When LEDPWR (Onboard Power LED indicator) is on, system power is on. Unplug the power cable before installing or removing any components. Quick Reference CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 VGA LAN2 LAN1 USB6/7 USB0/1 COM1 IPMI_LAN JUIDB1 LE1 COM2 FAN4 JPI2C1 JPWR2 JPWR1 FAN1 FAN2 FAN3 FANA LEDPWR JSTBY1 JWD1 I-SGPIO2 USB8/9 I-SGPIO1 JF1 JSD1 I-SATA0 I-SATA1 I-SATA2 I-SATA3 I-SATA4 I-SATA5 I-SATA6 I-SATA7 JSD2 USB4/5 JTPM1 JL1 BT1 SP1 USB2/3 JD1 JIPMB1 LEDBMC JPL1 JPL2 JOH1 JI2C1 JPB1 JBR1 JPG1 JPME2 JI2C2 JBT1 USB10 |