| データシートサーチシステム |
|
X11SSL データシート(PDF) 42 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL データシート(HTML) 42 Page - List of Unclassifed Manufacturers |
|
42 / 124 page ![]() 42 X11SSM(-F)/X11SSL(-F) User Manual Power Button OH/Fan Fail LED 1 NIC1 Link Active LED Reset Button 2 Power Fail LED HDD LED FP PWRLED Reset PWR P3V3 P3V3_STBY/ID_UID_SW UID LED Ground Ground 19 20 P3V3 NC Ground SW_NMI_N NC NIC2 Link Active LED P3V3_STBY P3V3_STBY 1 2 1. PWR Button 2. Reset Button Power Button The Power Button connection is located on pins 1 and 2 of JF1. Momentarily contacting both pins will power on/off the system. This button can also be configured to function as a suspend button (with a setting in the BIOS - see Chapter 4). To turn off the power when the system is in suspend mode, press the button for 4 seconds or longer. Refer to the table below for pin definitions. Power Button Pin Definitions (JF1) Pin# Definition 1 Signal 2 Ground Reset Button The Reset Button connection is located on pins 3 and 4 of JF1. Attach it to a hardware reset switch on the computer case. Refer to the table below for pin definitions. Reset Button Pin Definitions (JF1) Pin# Definition 3 Reset 4 Ground |