| データシートサーチシステム |
|
X11SSL データシート(PDF) 41 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL データシート(HTML) 41 Page - List of Unclassifed Manufacturers |
|
41 / 124 page ![]() 41 Chapter 2: Installation Power Button OH/Fan Fail LED 1 NIC1 Link Active LED Reset Button 2 Power Fail LED HDD LED FP PWRLED Reset PWR P3V3 P3V3_STBY/ID_UID_SW UID LED Ground Ground 19 20 P3V3 NC Ground SW_NMI_N NC NIC2 Link Active LED P3V3_STBY P3V3_STBY CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 Figure 2-3. JF1 Header Pins 2.6 Front Control Panel JF1 contains header pins for various buttons and indicators that are normally located on a control panel at the front of the chassis. These connectors are designed specifically for use with Supermicro chassis. See the figure below for the descriptions of the front control panel buttons and LED indicators. |