| データシートサーチシステム |
|
X11SSL データシート(PDF) 38 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL データシート(HTML) 38 Page - List of Unclassifed Manufacturers |
|
38 / 124 page ![]() 38 X11SSM(-F)/X11SSL(-F) User Manual LAN Ports Two Gigabit Ethernet ports (LAN1 and LAN2) are located on the I/O back panel on the motherboard. In addition, a dedicated IPMI LAN is located above USB 0/1 ports on the back panel on the -F boards. All of these ports accept RJ45 cables. Please refer to the LED Indicator section for LAN LED information. LAN Ports 1/2 Pin Definition Pin# Definition Pin# Definition 1 TD0- 11 P3V3_Dual 2 TD0+ 12 Act LED (Yellow) 3 TD1- 13 Link 1000 LED (Amber) 4 TD1+ 14 Link 100 LED (Green) 5 TD2- 15 GND 6 TD2+ 16 GND 7 TD3- 17 GND 8 TD3+ 18 GND 9 COMMCT 10 GND IPMI_LAN (-F versions only) Pin Definition Pin# Definition Pin# Definition 9 19 GND 10 TD0+ 20 Act LED (Yellow) 11 TD0- 21 Link 100 LED (Green) 12 TD1+ 22 Link 1000 LED (Amber) 13 TD1- 23 SGND 14 TD2+ 24 SGND 15 TD2- 25 SGND 16 TD3+ 26 SGND 17 TD3- 18 GND CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 1. LAN1 2. LAN2 3. IPMI LAN (-F versions only) 1 2 3 |