| データシートサーチシステム |
|
X11SSL データシート(PDF) 78 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL データシート(HTML) 78 Page - List of Unclassifed Manufacturers |
|
78 / 124 page ![]() X11SSM(-F)/X11SSL(-F) User Manual 78 CPU Configuration The following CPU information will display: • CPU Signature • Microcode Patch • Max CPU Speed • Min CPU Speed • CPU Speed • Processor Cores • Hyper Threading Technology • Intel VT-x Technology • Intel SMX Technology • 64-bit • EIST Technology • CPU C3 State • CPU C6 State • CPU C7 State • L1 Data Cache • L1 Code Cache • L2 Cache • L3 Cache • L4 Cache Hyper-threading (Available when supported by the CPU) Select Enabled to support Intel Hyper-threading Technology to enhance CPU performance. The options are Enabled and Disabled. |