| データシートサーチシステム |
|
X11SSL データシート(PDF) 34 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL データシート(HTML) 34 Page - List of Unclassifed Manufacturers |
|
34 / 124 page ![]() 34 X11SSM(-F)/X11SSL(-F) User Manual CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 DIMMA1 DIMMA2 DIMMB1 DIMMB2 DIMMB2 (Blue Slot) DIMMA2 (Blue Slot) Towards the edge of the motherboard Towards the CPU DIMMA1 DIMMB1 DIMM Module Population Sequence When installing memory modules, the DIMM slots should be populated in the following order: DIMMB2, DIMMA2, DIMMB1, DIMMA1. • Always use DDR4 DIMM modules of the same type, size and speed. • Mixed DIMM speeds can be installed. However, all DIMMs will run at the speed of the slowest DIMM. • The motherboard will support odd-numbered modules (1 or 3 modules installed). However, for best memory performance, install DIMM modules in pairs to activate memory interleav- ing. |