データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMA5D2 データシート(PDF) 23 Page - Microchip Technology

部品番号 SAMA5D2
部品情報  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 データシート(HTML) 23 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 19Page - Microchip Technology SAMA5D2 Datasheet HTML 20Page - Microchip Technology SAMA5D2 Datasheet HTML 21Page - Microchip Technology SAMA5D2 Datasheet HTML 22Page - Microchip Technology SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
T15
N9
L11
VDDIOP1
GPIO
PC2
I/O
–
–
A
LCDDAT23
O
1
PIO, I, PU, ST
B
A25
O
1
C
CANRX0
I
1
D
SPI1_MOSI
I/O
1
E
I2SC0_MCK
O
1
F
ISC_D8
I
3
T13
M10
F13
VDDIOP1
GPIO
PC3
I/O
–
–
A
LCDPWM
O
1
PIO, I, PU, ST
B
NWAIT
I
1
C
TIOA1
I/O
1
D
SPI1_MISO
I/O
1
E
I2SC0_WS
I/O
1
F
ISC_D9
I
3
P16
N15
G14
VDDIOP1
GPIO
PC4
I/O
–
–
A
LCDDISP
O
1
PIO, I, PU, ST
B
NWR1/NBS1
O
1
C
TIOB1
I/O
1
D
SPI1_NPCS0
I/O
1
E
I2SC0_DI0
I
1
F
ISC_PCK
I
3
L19
M16
J14
VDDIOP1
GPIO
PC5
I/O
–
–
A
LCDVSYNC
O
1
PIO, I, PU, ST
B
NCS0
O
1
C
TCLK1
I
1
D
SPI1_NPCS1
O
1
E
I2SC0_DO0
O
1
F
ISC_VSYNC
I
3
R15
L11
J13
VDDIOP1
GPIO
PC6
I/O
–
–
A
LCDHSYNC
O
1
PIO, I, PU, ST
B
NCS1
O
1
C
TWD1
I/O
1
D
SPI1_NPCS2
O
1
F
ISC_HSYNC
I
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56