データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMA5D2 データシート(PDF) 15 Page - Microchip Technology

部品番号 SAMA5D2
部品情報  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 データシート(HTML) 15 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 11Page - Microchip Technology SAMA5D2 Datasheet HTML 12Page - Microchip Technology SAMA5D2 Datasheet HTML 13Page - Microchip Technology SAMA5D2 Datasheet HTML 14Page - Microchip Technology SAMA5D2 Datasheet HTML 15Page - Microchip Technology SAMA5D2 Datasheet HTML 16Page - Microchip Technology SAMA5D2 Datasheet HTML 17Page - Microchip Technology SAMA5D2 Datasheet HTML 18Page - Microchip Technology SAMA5D2 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
T10
P9
H9
VDDIOP1
GPIO_IO
PA20
I/O
–
–
A
SPI0_NPCS3
O
1
PIO, I, PU, ST
D
TIOB0
I/O
1
E
SDMMC1_DAT2
I/O
1
F
D15
I/O
2
U19
P10
G9
VDDIOP1
GPIO_IO
PA21
I/O
–
–
A
IRQ
I
2
PIO, I, PU, ST
B
PCK2
O
3
D
TCLK0
I
1
E
SDMMC1_DAT3
I/O
1
F
NANDRDY
I
2
V17
T17
K10
VDDIOP1
GPIO_QSPI
PA22
I/O
–
–
A
FLEXCOM1_IO2
I/O
1
PIO, I, PU, ST
B
D0
I/O
1
C
TCK
I
4
D
SPI1_SPCK
I/O
2
E
SDMMC1_CK
I/O
1
F
QSPI0_SCK
O
3
U18
T14
G10
VDDIOP1
GPIO
PA23
I/O
–
–
A
FLEXCOM1_IO1
I/O
1
PIO, I, PU, ST
B
D1
I/O
1
C
TDI
I
4
D
SPI1_MOSI
I/O
2
F
QSPI0_CS
O
3
W17
R17
P13
VDDIOP1
GPIO_IO
PA24
I/O
–
–
A
FLEXCOM1_IO0
I/O
1
PIO, I, PU, ST
B
D2
I/O
1
C
TDO
O
4
D
SPI1_MISO
I/O
2
F
QSPI0_IO0
I/O
3
W18
R16
H10
VDDIOP1
GPIO_IO
PA25
I/O
–
–
A
FLEXCOM1_IO3
O
1
PIO, I, PU, ST
B
D3
I/O
1
C
TMS
I
4
D
SPI1_NPCS0
I/O
2
F
QSPI0_IO1
I/O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56