データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMA5D2 データシート(PDF) 28 Page - Microchip Technology

部品番号 SAMA5D2
部品情報  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 データシート(HTML) 28 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
D7
E6
–
VDDIOP2
GPIO
PC30
I/O
–
–
A
LCDVSYNC
O
2
PIO, I, PU, ST
B
FLEXCOM4_IO2
I/O
1
F
A19
O
2
C8
A11
–
VDDIOP2
GPIO
PC31
I/O
–
–
A
LCDHSYNC
O
2
PIO, I, PU, ST
B
FLEXCOM4_IO3
O
1
C
URXD3
I
2
F
A20
O
2
J7
E7
–
VDDIOP2
GPIO_CLK
PD0
I/O
–
–
A
LCDPCK
O
2
PIO, I, PU, ST
B
FLEXCOM4_IO4
O
1
C
UTXD3
O
2
D
GTSUCOMP
O
2
F
A23
O
2
D8
C9
–
VDDIOP2
GPIO
PD1
I/O
–
–
A
LCDDEN
O
2
PIO, I, PU, ST
D
GRXCK
I
2
F
A24
O
2
J6
D8
–
VDDIOP2
GPIO_CLK
PD2
I/O
–
–
A
URXD1
I
1
PIO, I, PU, ST
D
GTXER
O
2
E
ISC_MCK
O
2
F
A25
O
2
M3
J1
–
VDDANA
GPIO_AD
PD3
I/O
PTC_X0
–
A
UTXD1
O
1
PIO, I, PU, ST
B
FIQ
I
2
D
GCRS
I
2
E
ISC_D11
I
2
F
NWAIT
I
2
L6
H7
–
VDDANA
GPIO_AD
PD4
I/O
PTC_X1
–
A
TWD1
I/O
2
PIO, I, PU, ST
B
URXD2
I
1
D
GCOL
I
2
E
ISC_D10
I
2
F
NCS0
O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56