データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMA5D2 データシート(PDF) 27 Page - Microchip Technology

部品番号 SAMA5D2
部品情報  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 データシート(HTML) 27 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
L7
H9
–
VDDISC
GPIO
PC23
I/O
–
–
A
LCDDAT19
O
2
PIO, I, PU, ST
B
GCOL
I
1
C
ISC_HSYNC
I
1
F
A12
O
2
E1
G1
–
VDDISC
GPIO_CLK
PC24
I/O
–
–
A
LCDDAT20
O
2
PIO, I, PU, ST
B
GRX2
I
1
C
ISC_MCK
O
1
F
A13
O
2
L4
H8
–
VDDISC
GPIO
PC25
I/O
–
–
A
LCDDAT21
O
2
PIO, I, PU, ST
B
GRX3
I
1
C
ISC_FIELD
I
1
F
A14
O
2
D6
F7
–
VDDIOP2
GPIO
PC26
I/O
–
–
A
LCDDAT22
O
2
PIO, I, PU, ST
B
GTX2
O
1
D
CANTX1
O
1
F
A15
O
2
E7
B10
–
VDDIOP2
GPIO
PC27
I/O
–
–
A
LCDDAT23
O
2
PIO, I, PU, ST
B
GTX3
O
1
C
PCK1
O
2
D
CANRX1
I
1
E
TWD0
I/O
2
F
A16
O
2
J5
F6
–
VDDIOP2
GPIO
PC28
I/O
–
–
A
LCDPWM
O
2
PIO, I, PU, ST
B
FLEXCOM4_IO0
I/O
1
C
PCK2
O
1
E
TWCK0
I/O
2
F
A17
O
2
C6
B9
–
VDDIOP2
GPIO
PC29
I/O
–
–
A
LCDDISP
O
2
PIO, I, PU, ST
B
FLEXCOM4_IO1
I/O
1
F
A18
O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56