データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMA5D2 データシート(PDF) 31 Page - Microchip Technology

部品番号 SAMA5D2
部品情報  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 データシート(HTML) 31 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
M1
L1
J1
VDDANA
GPIO_AD
PD16
I/O
PTC_Y5
–
A
TDO
O
1
PIO, I, PU, ST
B
FLEXCOM4_IO4
O
2
C
UTMI_CDRBISTEN
I
1
D
GTX1
O
2
E
ISC_VSYNC
I
2
F
ISC_D8
I
4
M2
K1
A1
VDDANA
GPIO_AD
PD17
I/O
PTC_Y6
–
A
TMS
I
1
A, PU, ST
C
UTMI_CDRCPSELDIV
O
1
D
GMDC
O
2
E
ISC_HSYNC
I
2
F
ISC_D9
I
4
M4
J7
G3
VDDANA
GPIO_AD
PD18
I/O
PTC_Y7
–
A
NTRST
I
1
PIO, I, PU, ST
D
GMDIO
I/O
2
E
ISC_FIELD
I
2
F
ISC_D10
I
4
M8
L8
K2
VDDANA
GPIO_AD
PD19
I/O
AD0
–
A
PCK0
O
1
PIO, I, PU, ST
B
TWD1
I/O
3
C
URXD2
I
3
E
I2SC0_CK
I/O
2
F
ISC_D11
I
4
N1
L2
H1
VDDANA
GPIO_AD
PD20
I/O
AD1
–
A
TIOA2
I/O
3
PIO, I, PU, ST
B
TWCK1
I/O
3
C
UTXD2
O
3
E
I2SC0_MCK
O
2
F
ISC_PCK
I
4
P3
P1
G1
VDDANA
GPIO_AD
PD21
I/O
AD2
–
A
TIOB2
I/O
3
PIO, I, PU, ST
B
TWD0
I/O
4
C
FLEXCOM4_IO0
I/O
3
E
I2SC0_WS
I/O
2
F
ISC_VSYNC
I
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56