| データシートサーチシステム |
|
SPSB0813 データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0813 データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 135 page ![]() Table 76. CR3 signals description Bit Name Description 23 VSREG_LOCK_EN Lockout of Vsreg related outputs after Vsreg over-/undervoltage shutdown 0 Vsreg related outputs are turned on automatically and status bits (VSREG_UV, VSREG_OV) are cleared 1 Vsreg related outputs remain turned off until status bits (VSREG_UV, VSREG_OV) are cleared (default) Note: lockout is always disabled in standby modes in order to ensure supply of external contacts and detect wake-up conditions 22 VS_LOCK_EN Lockout of Vs related outputs after Vs over-/undervoltage shutdown 0 Vs related outputs are turned on automatically and status bits (VS_UV, VS_OV) are cleared 1 Vs related outputs remain turned off until status bits (VS_UV, VS_OV) are cleared (default) Note: lockout is always disabled in standby modes in order to ensure supply of external contacts and detect wake-up conditions 21 RES reserved 20 RES reserved 19 RES reserved 18 RES reserved 17 RES reserved 16 RES 15 RES reserved 14 RES 13 RES reserved 12 RES 11 RES reserved 10 RES reserved 9 RES reserved 8 RES reserved 7 RES reserved 6 RES reserved 5 RES reserved 4 RES reserved 3 RES reserved 2 RES reserved 1 RES reserved 0 RES reserved Table 77. Control register CR4 (0x04) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access 0 (R) SPSB081 Control registers DS14048 - Rev 1 page 97/135 |