| データシートサーチシステム |
|
SPSB0813 データシート(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0813 データシート(HTML) 113 Page - STMicroelectronics |
|
113 / 135 page ![]() Bit Name Description 17 RES Reserved 16 RES Reserved 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 IWK Wake-up event on CAN and wake-up pins in V1standby mode 0 Device moves in Active Mode (default) 1 Device remains in V1standby mode. Interrupt generated on NINT pins 1 ICMP V1 load current supervision 0 Enabled ; Watchdog is disabled in V1_standby when Iv1< ICMP (default) 1 Disabled; watchdog is disabled upon transition into v1stby mode setting ICMP = 1 is only possible when ICMP_config_en = 1 0 ICMP_SET Set thresholds for ICMP: 0 Low values for rising and falling (default) 1 High values for rising and falling Table 111. Configuration register (0x3F) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name WU _NI NT _M AS K DIA GN _E XT IC MP _C ON FIG _E N Access 0 (R/ W) 1 (R/ W) 0 (R/W) 0 (R) 0 (R/W) 0 (R) Table 112. Configuration register signals description Bit Name Description 23 CAN_LOOP_EN CAN Looping of TxD_C to RxD_C 0 CAN looping disabled (default) 1 CAN looping enabled SPSB081 Control registers DS14048 - Rev 1 page 113/135 |