| データシートサーチシステム |
|
SPSB0813 データシート(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0813 データシート(HTML) 123 Page - STMicroelectronics |
|
123 / 135 page ![]() Bit Name Description 17 Bit is latched until a “Read and clear” command of this bit only TSD1_CL2 16 TSD1_CL1 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 RES Reserved 1 RES Reserved 0 RES Reserved Table 127. Status register SR8 (0x38) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access R R&C R Table 128. SR8 description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 TW_CL4 Thermal warning for Cluster x ‘1’ indicates Cluster x has reached the thermal warning threshold Bit is latched until a “Read and clear” command of this bit only 18 TW_CL3 17 TW_CL2 16 TW_CL1 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved SPSB081 Status registers DS14048 - Rev 1 page 123/135 |